Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1780DBQG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1780DBQG4
Description  Audio Digital-to-Analog Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1780DBQG4 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1780DBQG4 Datasheet HTML 1Page - Texas Instruments PCM1780DBQG4 Datasheet HTML 2Page - Texas Instruments PCM1780DBQG4 Datasheet HTML 3Page - Texas Instruments PCM1780DBQG4 Datasheet HTML 4Page - Texas Instruments PCM1780DBQG4 Datasheet HTML 5Page - Texas Instruments PCM1780DBQG4 Datasheet HTML 6Page - Texas Instruments PCM1780DBQG4 Datasheet HTML 7Page - Texas Instruments PCM1780DBQG4 Datasheet HTML 8Page - Texas Instruments PCM1780DBQG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
PCM1780, PCM1781, PCM1782
SLES132B – MARCH 2005 – REVISED AUGUST 2006
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,
Audio Digital-to-Analog Converter
A/V Receivers
24-Bit Resolution
DVD Movie Players
Analog Performance (VCC = 5 V):
DVD Add-On Cards For High-End PCs
– Dynamic Range: 106 dB
DVD Audio Players
– SNR: 106 dB, Typical
HDTV Receivers
– THD+N: 0.002%, Typical
Car Audio Systems
– Full-Scale Output: 3.9 Vp-p, Typical
Other Applications Requiring 24-Bit Audio
4×/8× Oversampling Digital Filter:
– Stop-Band Attenuation: –50 dB
– Pass-Band Ripple: ±0.04 dB
The
PCM1780/81/82
is
a
CMOS,
monolithic,
Sampling Frequency: 5 kHz to 200 kHz
integrated
circuit,
which
includes
stereo
digital-to-analog converters and support circuitry in a
System Clock: 128 fS, 192 fS, 256 fS, 384 fS,
small 16-lead SSOP package. The data converters
512 fS, 768 fS, 1152 fS With Autodetect
use TI’s enhanced multilevel delta-sigma architecture
Software Control (PCM1780, PCM1782):
to achieve excellent dynamic performance and
– Accepts 16-, 18-, 20-, and 24-Bit Audio Data
improved
tolerance
to
clock
jitter.
The
PCM1780/81/82 accepts industry standard audio
– Formats: Right-Justified, I2S, and
data formats with 16- to 24-bit data, providing easy
Left-Justified
interfacing
to
audio
DSP
and
decoder
chips.
– Digital Attenuation: Mode Selectable
Sampling rates up to 200 kHz are supported. The
• 0 dB to –63 dB, 0.5 dB/step
PCM1780/82
provides
a
full
set
of
user-programmable functions through a three-wire
• 0 dB to –100 dB, 1 dB/step
serial control port, which supports register write
– Digital De-Emphasis
functions. The PCM1781 provides a subset of
– Digital Filter Rolloff: Sharp or Slow
user-programmable functions through four control
pins.
– Soft Mute
– Zero Flags for Each Output
The PCM1780 is pin-compatible with the PCM1680
(8-channel DAC).
– Open-Drain Output Zero Flag (PCM1782)
Hardware Control (PCM1781):
– I2S and 16-Bit Word, Right-Justified
– Digital De-Emphasis
– Soft Mute
– Zero Flag for L-, R-Channel Common
Output
Power Supply: 5-V Single Supply
Small, 16-Lead SSOP Package (150 mil)
Pin-Compatible with PCM1680
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1780DBQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1780DBQ TI-PCM1780DBQ Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780DBQR TI-PCM1780DBQR Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
More results

Similar Description - PCM1780DBQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1789 TI1-PCM1789 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1753-Q1 TI1-PCM1753-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1748 TI1-PCM1748_15 Datasheet
974Kb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com