Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1772PWG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1772PWG4
Description  LINEOUT AMPLIFIER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1772PWG4 Datasheet(HTML) 4 Page - Texas Instruments

  PCM1772PWG4 Datasheet HTML 1Page - Texas Instruments PCM1772PWG4 Datasheet HTML 2Page - Texas Instruments PCM1772PWG4 Datasheet HTML 3Page - Texas Instruments PCM1772PWG4 Datasheet HTML 4Page - Texas Instruments PCM1772PWG4 Datasheet HTML 5Page - Texas Instruments PCM1772PWG4 Datasheet HTML 6Page - Texas Instruments PCM1772PWG4 Datasheet HTML 7Page - Texas Instruments PCM1772PWG4 Datasheet HTML 8Page - Texas Instruments PCM1772PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
www.ti.com
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LRCK
DATA
BCK
PD
AGND1
AGND2
VCOM
VOUTR
SCKI
MS
MC
MD
VCC1
VCC2
AIN
VOUTL
PCM1772
PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LRCK
DATA
BCK
PD
AGND1
AGND2
VCOM
VOUTR
SCKI
FMT
AMIX
DEMP
VCC1
VCC2
AIN
VOUTL
PCM1773
PW PACKAGE
(TOP VIEW)
P0001-01
PCM1772
RGA PACKAGE
(TOP VIEW)
DATA
BCK
PD
AGND1
AGND2
NC – No internal connection
FMT
AMIX
DEMP
VCC1
VCC2
PCM1773
RGA PACKAGE
(TOP VIEW)
DATA
BCK
PD
AGND1
AGND2
MS
MC
MD
VCC1
VCC2
1
2
3
4
5
15
14
13
12
11
6
7
8
9 10
20 19 18 17 16
1
2
3
4
5
15
14
13
12
11
6
7
8
9 10
20 19 18 17 16
P0002-01
PCM1772, PCM1773
SLES010G – SEPTEMBER 2001 – REVISED MARCH 2007
ELECTRICAL CHARACTERISTICS (continued)
all specifications at T
A = 25°C, VCC1 = VCC2 = 2.4 V, fS = 44.1 kHz, system clock = 256 fS and 24-bit data, RL = 10 kΩ, unless
otherwise noted
PCM1772PW, PCM1773PW,
PCM1772RGA, PCM1773RGA
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
POWER SUPPLY REQUIREMENTS
Voltage range, VCC1, VCC2
1.6
2.4
3.6
Vdc
ICC1
BPZ input
1.5
2.5
mA
ICC2
Supply current
BPZ input
1
2.5
ICC1 + ICC2
Power down(4)
5
15
µA
BPZ input
6
12
mW
Power dissipation
Power down (4)
12
36
µW
TEMPERATURE RANGE
Operation temperature
–25
85
°C
PCM1772PW, -73PW: 16-terminal TSSOP
150
θ
JA
Thermal resistance
°C/W
PCM1772RGA, -73RGA: 20-terminal VQFN
130
(4)
All input signals are held static.
4
Submit Documentation Feedback


Similar Part No. - PCM1772PWG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1772PW BURR-BROWN-PCM1772PW Datasheet
309Kb / 29P
   LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
PCM1772PWR BURR-BROWN-PCM1772PWR Datasheet
309Kb / 29P
   LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
More results

Similar Description - PCM1772PWG4

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4342-B AKM-AKD4342-B Datasheet
1Mb / 52P
   24bit DAC with built-in 2Vrms lineout
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7756 AKM-AK7756 Datasheet
453Kb / 27P
   DSP with Mono CODEC Mic/Lineout Amp
AK7758VN AKM-AK7758VN Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN_16 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
logo
Burr-Brown (TI)
PCM1772 BURR-BROWN-PCM1772 Datasheet
309Kb / 29P
   LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
   MMIC AMPLIFIER AMPLIFIER
logo
Marki Microwave
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
   AMPLIFIER/DOUBLER/AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com