Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1750P Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1750P
Description  ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1750P Datasheet(HTML) 3 Page - Texas Instruments

  PCM1750P Datasheet HTML 1Page - Texas Instruments PCM1750P Datasheet HTML 2Page - Texas Instruments PCM1750P Datasheet HTML 3Page - Texas Instruments PCM1750P Datasheet HTML 4Page - Texas Instruments PCM1750P Datasheet HTML 5Page - Texas Instruments PCM1750P Datasheet HTML 6Page - Texas Instruments PCM1750P Datasheet HTML 7Page - Texas Instruments PCM1750P Datasheet HTML 8Page - Texas Instruments PCM1750P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
®
PCM1750
THD+N vs FREQUENCY
(Without 4X Digital Filter)
Frequency (kHz)
–20
–40
–60
–80
–100
0
20406080
100
V
= –60dB
IN
V
= –40dB
IN
IN
V
= 0dB
IN
V
= –20dB
THD+N vs FREQUENCY
(With 4X Digital Filter)
–20
–40
–60
–80
–100
0
4
8
12
16
20
24
Frequency (kHz)
V
= –60dB
IN
V
= –40dB
IN
V
= –20dB
IN
V
= 0dB
IN
PIN ASSIGNMENTS
PIN
DESCRIPTION
MNEMONIC
1
–5V Analog Supply Voltage
–VA
2
+5V Analog Supply Voltage
+VA
3
Serial Output (Left Channel)
SOUTL
4
External Clock Input
CLK
5
+5V Analog Supply Voltage
+VA
6
+5V Digital Voltage Supply
+VD
7
+5V Digital Voltage Supply
+VD
8
Digital Common Connection
DCOM
9
Analog Common Connection
ACOM
10
Digital Common Connection
DCOM
11
Convert Command Input
CONVERT
12
Serial Output (Right Channel)
SOUTR
13
+5V Analog Supply Voltage
+VA
14
–5V Analog Supply Voltage
–VA
15
Offset Adjust (Right Channel)
OFFADJR
16
MSB Adjust (Right Channel)
MSBADJR
17
Analog Voltage Input (Right Channel;
±2.75V)
VINR
18
Reference Voltage Input (Right Channel)
VREFINR
19
Reference Voltage Output (Right Channel)
VREFOUTR
20
Analog Common Connection
ACOM
21
Reference Voltage Decouple
VREFCAP
22
Reference Common Connection
RCOM
23
Analog Common Connection
ACOM
24
Reference Voltage Output (Left Channel)
VREFOUTL
25
Reference Voltage Input (Left Channel)
VREFINL
26
Analog Voltage Input (Left Channel;
±2.75V)
VINL
27
MSB Adjust (Left Channel)
MSBADJL
28
Offset Adjust (Left Channel)
OFFADJL
Analog Input Voltage (VIN) .................................. –VA –0.3V to +VA + 0.3V
+VA; +VD to ACOM/DCOM ............................................................ 0 to +7V
–VA to ACOM/DCOM .................................................................... 0 to –7V
–VA to +VA; +VD ......................................................................... 0 to +14V
ACOM to DCOM ..................................................................................
±1V
Digital Inputs (pins 4, 11) to DCOM ........................... –0.3V to +VD + 0.3V
Power Dissipation .......................................................................... 400mW
Lead Temperature, (soldering 10s) ................................................ +300
°C
Max Junction Temperature .............................................................. 165
°C
Thermal Resistance,
θ
JA: Plastic DIP ............................................ 80°C/W
Thermal Resistance,
θ
JA: Plastic SOIC ....................................... 100°C/W
NOTE: Stresses above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
TYPICAL PERFORMANCE CURVES
At 25
°C, and ±V
A = ±5.0V; +VD = +5V, unless otherwise noted. Where relevant, specifications apply to both left and right input output channels.
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
PCM1750P
28-Pin Plastic DIP
215
PCM1750U
28-Pin Plastic SOIC
217
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - PCM1750P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1750P BURR-BROWN-PCM1750P Datasheet
240Kb / 18P
   Dual CMOS 18-Bit Monolithic Audio ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM1750P TI-PCM1750P Datasheet
229Kb / 21P
[Old version datasheet]   Dual CMOS 18-Bit Monolithic Audio NALOG-TO-DIGITAL CONVERTER
More results

Similar Description - PCM1750P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com