Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1737EG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM1737EG4
Description  DIGITAL-TO-ANALOG CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1737EG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1737EG4 Datasheet HTML 5Page - Texas Instruments PCM1737EG4 Datasheet HTML 6Page - Texas Instruments PCM1737EG4 Datasheet HTML 7Page - Texas Instruments PCM1737EG4 Datasheet HTML 8Page - Texas Instruments PCM1737EG4 Datasheet HTML 9Page - Texas Instruments PCM1737EG4 Datasheet HTML 10Page - Texas Instruments PCM1737EG4 Datasheet HTML 11Page - Texas Instruments PCM1737EG4 Datasheet HTML 12Page - Texas Instruments PCM1737EG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
®
9
PCM1737
FIGURE 2. Power-On Reset Timing.
FIGURE 3. External Reset Timing.
The external reset is especially useful in applications
where there is a delay between PCM1737 power up and
system clock activation. In this case, the RSTB pin should
be held at a logic ‘0’ level until the system clock has been
activated. The RSTB pin may then be set to a logic ‘1”
state to start the initialization sequence.
AUDIO SERIAL INTERFACE
The audio serial interface for the PCM1737 is comprised of
a 3-wire synchronous serial port. It includes LRCK (pin 1),
BCLK (pin 3), and DATA (pin 2). BCLK is the serial
audio bit clock, and it is used to clock the serial data
present on DATA into the audio interface’s serial shift
register. Serial data is clocked into the PCM1737 on the
rising edge of BCLK. LRCK is the serial audio left/right
word clock. It is used to latch serial data into the serial
audio interface’s internal registers.
Both LRCK and BCLK must be synchronous to the system
clock. Ideally, it is recommended that LRCK and BCLK be
derived from the system clock input or output, SCLK or
CLKO. The left/right clock, LRCK, is operated at the
sampling frequency, fS. The bit clock, BCLK, may be
operated at 48 or 64 times the sampling frequency.
Audio Data Formats and Timing
The PCM1737 supports industry-standard audio data formats,
including standard, I2S, and left-justified. The data formats
are shown in Figure 4. Data formats are selected using the
format bits, FMT[2:0], in Control Register 20. The default
data format is 24-bit standard. All formats require Binary
Two’s Complement, MSB-first audio data. Figure 5 shows a
detailed timing diagram for the serial audio interface.
SERIAL CONTROL INTERFACE
The serial control interface is a 4-wire serial port which
operates asynchronously to the serial audio interface. The
serial control interface is utilized to program and read the on-
chip mode registers. The control interface includes MDO (pin
25), MDI (pin 26), MC (pin 27), and ML (pin 28). MDO is the
serial data output, used to read back the values of the mode
registers. MDI is the serial data input, used to program the
mode registers. MC is the serial bit clock, used to shift data in
and out of the control port. ML is the control port latch clock.
1024 system clocks
Reset
Reset Removal
V
CC = VDD
Internal Reset
2.4V
2.0V
1.6V
System Clock
(SCLK)
1024 system clocks
Reset
Reset Removal
System Clock
(SCLK)
Internal Reset
RSTB
t
RST
(1)
NOTE: (1) t
RST = 20ns min.


Similar Part No. - PCM1737EG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1737E BURR-BROWN-PCM1737E Datasheet
180Kb / 27P
   24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1737EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com