Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1737 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1737
Description  DIGITAL-TO-ANALOG CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1737 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1737_15 Datasheet HTML 1Page - Texas Instruments PCM1737_15 Datasheet HTML 2Page - Texas Instruments PCM1737_15 Datasheet HTML 3Page - Texas Instruments PCM1737_15 Datasheet HTML 4Page - Texas Instruments PCM1737_15 Datasheet HTML 5Page - Texas Instruments PCM1737_15 Datasheet HTML 6Page - Texas Instruments PCM1737_15 Datasheet HTML 7Page - Texas Instruments PCM1737_15 Datasheet HTML 8Page - Texas Instruments PCM1737_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
®
3
PCM1737
DIGITAL FILTER PERFORMANCE (cont.)
Filter Characteristics, Slow Roll-Off 2
Passband
±0.01dB
0.072fS
Hz
–3dB
0.363fS
Hz
Stopband
0.952fS
Hz
Passband Ripple
±0.002
dB
Stopband Attenuation
Stopband = 0.732fS
–49
dB
Delay Time
34/fS
sec
De-Emphasis Error
±0.1
dB
ANALOG FILTER PERFORMANCE
Frequency Response
f = 20kHz
–0.03
dB
f = 44kHz
–0.20
dB
Cut-Off Frequency
–3dB
190
kHz
POWER SUPPLY REQUIREMENTS
Voltage Range
VDD
+3.0
+3.3
+3.6
V
VCC
+4.5
+5.0
+5.5
V
Supply Current
IDD(6)
VDD = +3.3V
fS = 44.1kHz
8.5
12.0
mA
fS = 96kHz, 256fS
16.5
mA
fS = 192kHz, 128fS
19.5
mA
ICC
VCC = 5.0V
fS = 44.1kHz
13.0
18.0
mA
fS = 96kHz, 256fS
14.0
mA
fS = 192kHz, 128fS
14.5
mA
Power Dissipation
VDD = 3.3V, VCC = 5.0V
fS = 44.1kHz
93
130
mW
fS = 96kHz, 256fS
124
mW
fS = 192kHz, 128fS
137
mW
TEMPERATURE RANGE
Operation
0
+70
°C
Storage
–55
+125
°C
Thermal Resistance,
θ
JA
100
°C/W
NOTES: (1) Pins 8, 9, 26, 27, 28 (TEST1, TEST2, MDI, MC, ML). (2) Pins 23, 24 (ZEROL, ZEROR). (3) Pin 4 (CLKO). (4) Analog performance specifications
are tested with Shibasoku #725 THD Meter 400Hz, HPF on, 30kHz LPF on, average mode with 20kHz bandwidth limiting. The load connected to the analog
output is 5k
Ω or larger, AC-coupled. (5) SNR is tested with Infinite Zero Detection off. (6) CLKO is disabled.
SPECIFICATIONS (Cont.)
All specifications at +25
°C, +V
CC = +5V, +VDD = +3.3V, system clock = 384fS (fS = 44.1kHz) and 24-bit data, unless otherwise noted.
PCM1737E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Power Supply Voltage, +VDD ............................................................ +4.0V
+VCC ............................................................ +6.5V
+VCC to +VDD Difference ................................................................... ±0.1V
Digital Input Voltage ........................................................... –0.2V to +5.5V
Digital Output Voltage(1) ........................................... –0.2V to (VDD + 0.2V)
Input Current (except power supply) ...............................................
±10mA
Power Dissipation .......................................................................... 650mW
Operating Temperature Range ............................................. 0
°C to +70°C
Storage Temperature ...................................................... –55
°C to +125°C
Lead Temperature (soldering, 5s) ................................................. +260
°C
Package Temperature (IR reflow, 10s) .......................................... +235
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
PCM1737E
28-Lead SSOP
324
0
°C to +70°C
PCM1737E
PCM1737E
Rails
""
"
"
"
PCM1737E/2K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K indicates 2000 devices per reel). Ordering 2000 pieces
of “PCM1737E/2K” will get a single 2000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION


Similar Part No. - PCM1737_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1737E BURR-BROWN-PCM1737E Datasheet
180Kb / 27P
   24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1737_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com