Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1717E-3G4 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM1717E-3G4
Description  DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1717E-3G4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1717E-3G4 Datasheet HTML 4Page - Texas Instruments PCM1717E-3G4 Datasheet HTML 5Page - Texas Instruments PCM1717E-3G4 Datasheet HTML 6Page - Texas Instruments PCM1717E-3G4 Datasheet HTML 7Page - Texas Instruments PCM1717E-3G4 Datasheet HTML 8Page - Texas Instruments PCM1717E-3G4 Datasheet HTML 9Page - Texas Instruments PCM1717E-3G4 Datasheet HTML 10Page - Texas Instruments PCM1717E-3G4 Datasheet HTML 11Page - Texas Instruments PCM1717E-3G4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
®
8
PCM1717
OPERATIONAL CONTROL
PCM1717 can be controlled in two modes. Software Mode
allows the user to control operation with a 16-bit serial
register. Hardware Mode allows the user to hard-wire opera-
tion of PCM1717 using four parallel wires. The MODE pin
determines which mode PCM1717 is in; a LOW level on pin
14 places PCM1717 in Hardware Mode, and a HIGH on pin
14 places PCM1717 in Software Mode.
MODE (Pin 14)
Selected Mode
Pin 16
Pin 17
Pin 18
“HIGH”
Software Mode
MD
MC
ML
“LOW”
Hardware Mode
DM0
DM1
MUTE
Table I indicates which functions are selectable within the
user’s chosen mode. All of the functions shown are select-
able in the Software Mode, but only soft mute and de-
emphasis control may be selected in the Hardware Mode.
DIGITAL DE-EMPHASIS (Pins 16 and 17)
Pins 16 and 17 are used as a two-bit parallel register to
control de-emphasis modes:
PIN 16
PIN 17
MODE
0
0
De-emphasis disabled
1
0
De-emphasis enabled at 48kHz
0
1
De-emphasis enabled at 44.1kHz
1
1
De-emphasis enabled at 32kHz
RESET MODE (Pin 15)
A LOW level on pin 15 will force the digital filters, modu-
lators and mode controls into a reset (disable) mode. While
this pin is held low, the output of PCM1717 will be forced
to VCC/2 (Bipolar Zero). Bringing pin 15 HIGH will initial-
ize all DAC functions, and allow for normal operation.
SOFTWARE MODE
(Pin 14 = “1”)
The Software Mode uses a three-wire interface on pins 16,
17 and 18. Pin 17 (MC) is used to clock in the serial control
data, pin 18 (ML) is used to synchronize the serial control
data, and pin 16 (MD) is used to latch in the serial control
register. There are four distinct registers, with bits 9 and 10
(of 16) determining which register is in use.
REGISTER CONTROL (Bits 9, 10)
REGISTER
B9 (A0)
B10 (A1)
000
110
201
311
Control data timing is shown in Figure 6. ML is used to latch
the data from the control registers. After each register’s
contents are checked in, ML should be taken low to latch in
the data. A “res” in the register indicates that location is
reserved for factory use. When loading the registers, the
“res” bits should be set LOW.
REGISTER 0
Register 0 is used to control left channel attenuation. Bits
0-7 (AL0-AL7) are used to determine the attenuation level.
The level of attenuation is given by:
ATT = [20log10 (ATT_DATA/255)] dB
B15 B14 B13 B12 B11 B10 B9 B8
B7 B6
B5 B4 B3
B2 B1 B0
res res res res res A1 A0 LDL AL7 AL6 AL5 AL4 AL3 AL2 AL1 AL0
TABLE I. Feature Selections by Mode.
SOFTWARE
HARDWARE
MODE
DEFAULT
MODE
DEFAULT
FUNCTION
SELECTABLE
SELECTABLE
Input Data Format
Yes
No
Normal Format
Normal
Normal Only
Normal
I2S Format
Input Resolution
Yes
No
16 Bits
16 Bits
16 Bits Only
16 Bits
18 Bits
LRCIN Polarity
Yes
No
L/R = High/Low
L/R = H/L
L/R = H/L
L/R = H/L
L/R = Low/High
Only
De-emphasis Control
Yes
Yes
32kHz
44.1kHz
OFF
OFF
48kHz
OFF
Soft Mute
Yes
OFF
Yes
OFF
Digital Attenuation
Yes
0dB
No
0dB
Analog Output Mode
Yes
Stereo
No
Stereo
Infinite Zero Detection
Yes
Disabled
No
Disabled
DAC Operation Control
Yes
ON
No
ON
HARDWARE MODE
(Pin 14 = “0”)
This mode is controlled by logic levels present on pins 15,
16, 17 and 18. Hardware Mode allows for control of soft
mute, digital de-emphasis and disable ONLY. Other func-
tions such as attenuation, I/O format and infinite zero detect
can only be controlled in the Software Mode.
SOFT MUTE (Pin 18)
A LOW level on pin 18 will force both channels to be muted;
a HIGH level on pin 18 will allow for normal operation.
Not Recommended for New Designs


Similar Part No. - PCM1717E-3G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1717E BURR-BROWN-PCM1717E Datasheet
126Kb / 14P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1717E-3G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com