Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1601 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1601
Description  DIGITAL-TO-ANALOG CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1601 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1601 Datasheet HTML 1Page - Texas Instruments PCM1601 Datasheet HTML 2Page - Texas Instruments PCM1601 Datasheet HTML 3Page - Texas Instruments PCM1601 Datasheet HTML 4Page - Texas Instruments PCM1601 Datasheet HTML 5Page - Texas Instruments PCM1601 Datasheet HTML 6Page - Texas Instruments PCM1601 Datasheet HTML 7Page - Texas Instruments PCM1601 Datasheet HTML 8Page - Texas Instruments PCM1601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
24-Bit, 96kHz Sampling, 6-Channel,
Enhanced Multi-Level, Delta-Sigma
DIGITAL-TO-ANALOG CONVERTER
PCM1600
PCM1601
®
TM
DESCRIPTION
The PCM1600(1) and PCM1601(1) are CMOS mono-
lithic integrated circuits which feature six 24-bit audio
digital-to-analog converters and support circuitry in
either a LQFP-48 or MQFP-48 package. The digital-
to-analog converters utilize Burr-Brown’s enhanced
multi-level, delta-sigma architecture, which employ
4th-order noise shaping and 8-level amplitude quanti-
zation to achieve excellent signal-to-noise performance
and a high tolerance to clock jitter.
The PCM1600 and PCM1601 accept industry-stan-
dard audio data formats with 16- to 24-bit audio data.
Sampling rates up to 100kHz are supported. A full set
of user-programmable functions are accessible through
a 4-wire serial control port which supports register
write and readback functions.
FEATURES
q 24-BIT RESOLUTION
q ANALOG PERFORMANCE:
Dynamic Range: 105dB typ
SNR: 104dB typ
THD+N: 0.0018% typ
Full-Scale Output: 3.1Vp-p typ
q 8x OVERSAMPLING INTERPOLATION FILTER:
Stopband Attenuation: –82dB
Passband Ripple:
±0.002dB
q SAMPLING FREQUENCY: 10kHz to 100kHz
q ACCEPTS 16, 18, 20, AND 24-BIT AUDIO DATA
q DATA FORMATS: Standard, I2S, and Left-Justified
q SYSTEM CLOCK: 256f
S, 384fS, 512fS, or 768fS
q USER-PROGRAMMABLE FUNCTIONS:
Digital Attenuation: 0dB to –63dB, 0.5dB/Step
Soft Mute
Zero Detect Mute
Zero Flags for Each Output Channel
Digital De-Emphasis
Digital Filter Roll-Off: Sharp or Slow
q DUAL SUPPLY OPERATION:
+5V Analog, +3.3V Digital
q 5V TOLERANT DIGITAL LOGIC INPUTS
q PACKAGES(1): LQFP-48 (PCM1600)
and MQFP-48 (PCM1601)
© 1999 Burr-Brown Corporation
PDS-1523C
Printed in U.S.A. March, 2000
APPLICATIONS
q INTEGRATED A/V RECEIVERS
q DVD MOVIE AND AUDIO PLAYERS
q HDTV RECEIVERS
q CAR AUDIO SYSTEMS
q DVD ADD-ON CARDS FOR HIGH-END PCs
q DIGITAL AUDIO WORKSTATIONS
q OTHER MULTI-CHANNEL AUDIO SYSTEMS
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
NOTE: (1) The PCM1600 and PCM1601 utilize the same die and are
electrically the same. All references to the PCM1600 apply equally
to the PCM1601.
For most current data sheet and other product
information, visit www.burr-brown.com
PCM1601
PCM1600
SBAS116


Similar Part No. - PCM1601

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1601 BURR-BROWN-PCM1601 Datasheet
253Kb / 28P
   24-Bit, 96kHz Sampling, 6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PCM1601Y BURR-BROWN-PCM1601Y Datasheet
253Kb / 28P
   24-Bit, 96kHz Sampling, 6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com