Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9545ARGYRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9545ARGYRG4
Description  Interrupt Logic and Reset Functions
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9545ARGYRG4 Datasheet(HTML) 5 Page - Texas Instruments

  PCA9545ARGYRG4 Datasheet HTML 1Page - Texas Instruments PCA9545ARGYRG4 Datasheet HTML 2Page - Texas Instruments PCA9545ARGYRG4 Datasheet HTML 3Page - Texas Instruments PCA9545ARGYRG4 Datasheet HTML 4Page - Texas Instruments PCA9545ARGYRG4 Datasheet HTML 5Page - Texas Instruments PCA9545ARGYRG4 Datasheet HTML 6Page - Texas Instruments PCA9545ARGYRG4 Datasheet HTML 7Page - Texas Instruments PCA9545ARGYRG4 Datasheet HTML 8Page - Texas Instruments PCA9545ARGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
PCA9545A
www.ti.com
SCPS147D – OCTOBER 2005 – REVISED JUNE 2014
7.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
VPOR
Power-on reset voltage(2)
No load,
VI = VCC or GND
VPOR
1.6
2.1
V
5 V
3.6
4.5 V to 5.5 V
2.6
4.5
3.3 V
1.9
Vpass
Switch output voltage
VSWin = VCC,
ISWout = –100 μA
V
3 V to 3.6 V
1.6
2.8
2.5 V
1.5
2.3 V to 2.7 V
1.1
2
IOH
INT
VO = VCC
2.3 V to 5.5 V
10
μA
VOL = 0.4 V
3
7
SCL, SDA
IOL
VOL = 0.6 V
2.3 V to 5.5 V
6
10
mA
INT
VOL = 0.4 V
3
SCL, SDA
±1
SC3–SC0, SD3–SD0
±1
II
A1, A0
VI = VCC or GND
2.3 V to 5.5 V
±1
μA
INT3–INT0
±1
RESET
±1
5.5 V
3
12
Operating mode fSCL = 100 kHz
VI = VCC or GND, IO = 0
3.6 V
3
11
2.7 V
3
10
5.5 V
0.3
1
ICC
Low inputs
VI = GND,
IO = 0
3.6 V
0.1
1
μA
2.7 V
0.1
1
Standby mode
5.5 V
0.3
1
High inputs
VI = VCC,
IO = 0
3.6 V
0.1
1
2.7 V
0.1
1
One INT3–INT0 input at 0.6 V,
8
15
Other inputs at VCC or GND
INT3–INT0
One INT3–INT0 input at VCC – 0.6 V,
8
15
Other inputs at VCC or GND
Supply-current
ΔICC
2.3 V to 5.5 V
μA
change
SCL or SDA input at 0.6 V,
8
15
Other inputs at VCC or GND
SCL, SDA
SCL or SDA input at VCC – 0.6 V,
8
15
Other inputs at VCC or GND
A1, A0
4.5
6
Ci
INT3–INT0
VI = VCC or GND
2.3 V to 5.5 V
4.5
6
pF
RESET
4.5
5.5
SCL, SDA
15
19
Cio(OFF)
(3)
VI = VCC or GND, Switch OFF
2.3 V to 5.5 V
pF
SC3–SC0, SD3–SD0
6
8
4.5 V to 5.5 V
4
9
16
VO = 0.4 V,
IO = 15 mA
RON
Switch on-state resistance
3 V to 3.6 V
5
11
20
VO = 0.4 V,
IO = 10 mA
2.3 V to 2.7 V
7
16
45
(1)
All typical values are at nominal supply voltage (2.5-V, 3.3-V, or 5-V VCC), TA = 25°C.
(2)
The power-on reset circuit resets the I2C bus logic with VCC < VPOR. VCC must be lowered to 0.2 V to reset the device.
(3)
Cio(ON) depends on the device capacitance and load that is downstream from the device.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: PCA9545A


Similar Part No. - PCA9545ARGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9545ARGYRG4 TI-PCA9545ARGYRG4 Datasheet
834Kb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
More results

Similar Description - PCA9545ARGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
[Old version datasheet]   Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
logo
Pericom Semiconductor C...
PI4IOE5V9539 PERICOM-PI4IOE5V9539 Datasheet
584Kb / 17P
   interrupt and reset
PI4IOE5V9538 PERICOM-PI4IOE5V9538 Datasheet
127Kb / 1P
   interrupt and reset
PI4IOE5V9522 PERICOM-PI4IOE5V9522 Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9521 PERICOM-PI4IOE5V9521 Datasheet
382Kb / 13P
   interrupt and reset
PI4IOE5V9537 PERICOM-PI4IOE5V9537 Datasheet
466Kb / 13P
   interrupt and reset
logo
NXP Semiconductors
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com