Electronic Components Datasheet Search |
|
PCA9544AZQNR Datasheet(PDF) 11 Page - Texas Instruments |
|
PCA9544AZQNR Datasheet(HTML) 11 Page - Texas Instruments |
11 / 35 page Data Output by Transmitter SCL From Master Start Condition S 1 2 8 9 Data Output by Receiver Clock Pulse for ACK NACK ACK SDA SCL Master Transmitter/ Receiver Slave Receiver Slave Transmitter/ Receiver Master Transmitter Master Transmitter/ Receiver I2C Multiplexer Slave PCA9544A www.ti.com SCPS146E – OCTOBER 2005 – REVISED JUNE 2014 Programming (continued) A device generating a message is a transmitter; a device receiving a message is the receiver. The device that controls the message is the master, and the devices that are controlled by the master are the slaves (see Figure 5). Figure 5. System Configuration The number of data bytes transferred between the start and the stop conditions from transmitter to receiver is not limited. Each byte of eight bits is followed by one ACK bit. The transmitter must release the SDA line before the receiver can send an ACK bit. When a slave receiver is addressed, it must generate an acknowledge (ACK) after the reception of each byte. Also, a master must generate an ACK after the reception of each byte that has been clocked out of the slave transmitter. The device that acknowledges must pull down the SDA line during the ACK clock pulse so that the SDA line is stable low during the high pulse of the ACK-related clock period (see Figure 6). Setup and hold times must be taken into account. Figure 6. Acknowledgment on the I2C Bus A master receiver must signal an end of data to the transmitter by not generating an acknowledge (NACK) after the last byte has been clocked out of the slave. This is done by the master receiver by holding the SDA line high. In this event, the transmitter must release the data line to enable the master to generate a stop condition. Data is transmitted to the PCA9544A control register using the write mode shown in Figure 7. Copyright © 2005–2014, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: PCA9544A |
Similar Part No. - PCA9544AZQNR |
|
Similar Description - PCA9544AZQNR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |