Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9535PWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9535PWR
Description  SMBus Low-Power I/O Expander
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9535PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCA9535PWR Datasheet HTML 4Page - Texas Instruments PCA9535PWR Datasheet HTML 5Page - Texas Instruments PCA9535PWR Datasheet HTML 6Page - Texas Instruments PCA9535PWR Datasheet HTML 7Page - Texas Instruments PCA9535PWR Datasheet HTML 8Page - Texas Instruments PCA9535PWR Datasheet HTML 9Page - Texas Instruments PCA9535PWR Datasheet HTML 10Page - Texas Instruments PCA9535PWR Datasheet HTML 11Page - Texas Instruments PCA9535PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
0
5
10
15
20
25
30
35
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VOL – Output Low Voltage – V
TA = –40°C
VCC = 3.3 V
TA = 25°C
TA = 125°C
0
5
10
15
20
25
30
35
40
45
50
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VOL – Output Low Voltage – V
TA = –40°C
VCC = 5 V
TA = 25°C
TA = 125°C
0
5
10
15
20
25
30
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VOL – Output Low Voltage – V
TA = –40°C
VCC = 2.5 V
TA = 25°C
TA = 125°C
0
10
20
30
40
50
60
70
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VCC – Supply Voltage – V
fSCL = 400 kHz
I/Os Unloaded
0
5
10
15
20
25
30
-50
-25
0
25
50
75
100
TA – Free-Air Tem perature – °C
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
SCL = VCC
0
5
10
15
20
25
30
35
40
45
50
55
-50
-25
0
25
50
75
100
TA – Free-Air Tem perature – °C
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
fSCL = 400 kHz
I/Os Unloaded
PCA9535
SCPS129J – AUGUST 2005 – REVISED JUNE 2014
www.ti.com
6.7 Typical Characteristics
TA = 25°C (unless otherwise noted)
Figure 1. Supply Current vs Temperature
Figure 2. Standby Supply Current vs Temperature
Figure 3. Supply Current vs Supply Voltage
Figure 4. I/O Sink Current vs Output Low Voltage
Figure 5. I/O Sink Current vs Output Low Voltage
Figure 6. I/O Sink Current vs Output Low Voltage
8
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: PCA9535


Similar Part No. - PCA9535PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9535PWR TI-PCA9535PWR Datasheet
834Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9535PWRE4 TI-PCA9535PWRE4 Datasheet
834Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9535PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9539 TI1-PCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCF8575C TI1-PCF8575C_15 Datasheet
1Mb / 38P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
TCA9538 TI1-TCA9538 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
PCA9554A TI1-PCA9554A_15 Datasheet
1Mb / 40P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9555 TI1-PCA9555_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
Pericom Semiconductor C...
PI4IOE5V9536 PERICOM-PI4IOE5V9536 Datasheet
498Kb / 12P
   SMBus low power I/O port
logo
NXP Semiconductors
PCA6416A NXP-PCA6416A Datasheet
2Mb / 42P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com