Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI1512ZVF Datasheet(PDF) 3 Page - Texas Instruments

Part # PCI1512ZVF
Description  CardBus Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCI1512ZVF Datasheet(HTML) 3 Page - Texas Instruments

  PCI1512ZVF Datasheet HTML 1Page - Texas Instruments PCI1512ZVF Datasheet HTML 2Page - Texas Instruments PCI1512ZVF Datasheet HTML 3Page - Texas Instruments PCI1512ZVF Datasheet HTML 4Page - Texas Instruments PCI1512ZVF Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PCI1512ZVF
OBSOLETE
NFBGA
ZVF
216
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
29-Jun-2009
Addendum-Page 1


Similar Part No. - PCI1512ZVF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1512 TI-PCI1512 Datasheet
31Kb / 3P
[Old version datasheet]   CardBus Controller
More results

Similar Description - PCI1512ZVF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1512 TI-PCI1512 Datasheet
31Kb / 3P
[Old version datasheet]   CardBus Controller
logo
List of Unclassifed Man...
OZ6812 ETC-OZ6812 Datasheet
105Kb / 13P
   ACPI CardBus Controller
OZ6933 ETC-OZ6933 Datasheet
126Kb / 15P
   ACPI CardBus Controller
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
   ACPI CardBus Controller
OZ6912 ETC-OZ6912 Datasheet
140Kb / 14P
   Single-Slot ACPI CardBus Controller
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
   PCMCIA/CardBus Socket Power Controller
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
   PCMCIA/CardBus Socket Power Controller
logo
List of Unclassifed Man...
AN985B ETC-AN985B Datasheet
513Kb / 80P
   CARDBUS-TO-ETHERNET LAN CONTROLLER
logo
Infineon Technologies A...
AN985B INFINEON-AN985B Datasheet
4Mb / 112P
   CardBus-to-Ethernet LAN Controller
Data Sheet, Rev. 1.51, Nov. 2005
logo
Texas Instruments
PCI1131 TI-PCI1131 Datasheet
379Kb / 26P
[Old version datasheet]   PCI-TO-CARDBUS CONTROLLER UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com