Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9545A Datasheet(PDF) 30 Page - Texas Instruments

Part # PCA9545A
Description  Interrupt Logic and Reset Functions
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9545A Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCA9545A_16 Datasheet HTML 26Page - Texas Instruments PCA9545A_16 Datasheet HTML 27Page - Texas Instruments PCA9545A_16 Datasheet HTML 28Page - Texas Instruments PCA9545A_16 Datasheet HTML 29Page - Texas Instruments PCA9545A_16 Datasheet HTML 30Page - Texas Instruments PCA9545A_16 Datasheet HTML 31Page - Texas Instruments PCA9545A_16 Datasheet HTML 32Page - Texas Instruments PCA9545A_16 Datasheet HTML 33Page - Texas Instruments PCA9545A_16 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(9.3)
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
20X (2)
20X (0.6)
18X (1.27)
(R
)
TYP
0.05
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:6X
1
10
11
20
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED


Similar Part No. - PCA9545A_16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9545AD112 NXP-PCA9545AD112 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
PCA9545AD118 NXP-PCA9545AD118 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
More results

Similar Description - PCA9545A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
[Old version datasheet]   Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
logo
Pericom Semiconductor C...
PI4IOE5V9539 PERICOM-PI4IOE5V9539 Datasheet
584Kb / 17P
   interrupt and reset
PI4IOE5V9538 PERICOM-PI4IOE5V9538 Datasheet
127Kb / 1P
   interrupt and reset
PI4IOE5V9522 PERICOM-PI4IOE5V9522 Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9521 PERICOM-PI4IOE5V9521 Datasheet
382Kb / 13P
   interrupt and reset
PI4IOE5V9537 PERICOM-PI4IOE5V9537 Datasheet
466Kb / 13P
   interrupt and reset
logo
NXP Semiconductors
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com