Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJLCE13A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # SMCJLCE13A
Description  SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMCJLCE13A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SMCJLCE13A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMCJLCE13A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMCJLCE13A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMCJLCE13A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMCJLCE6.5A(CA) - SMCJLCE170A(CA)
POWER: 1500 Wa t t s
VOLTAGE RANGE: 6.5 - 17 0V
SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
1 of 4
Molding compound flammability rating : UL94V-O
Low Capacitance of 100 pF or less
Available in stand-off voltage range of 6.5 to 170 V
1500 Watts of Peak Pulse Power Dissipation
except Bipolar.
MAXIMUM RATINGS Rating at 25 °C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation on 10/1000
μs
waveform (Note 1, Figure 1)
Steady State Power Dissipation at TL = 75 °C
Lead Lengths 0.375", (9.5mm) (Note 2)
Thermal Resistance (Junction to Lead)
°C/W
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 175
°C
Notes :
(1) Non-repetitive Current pulse, per Fig. 3 and derated above Ta = 25 °C per Fig. 2
(2) 8.3 ms single half sine-wave, duty cycle = 4 pulses per minutes maximum.
W
PD
5.0
W
RӨJL
20
PPP
1500
SMC
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
Features
Mechanical Data
Epoxy : UL94V-O rate flame retardant
Lead : Lead Formed for Surface Mount
Polarity : Color band denotes cathode end
Mounting position : Any
Case : SMC Molded plastic
www.sunmate.tw
!
!
!
!
!
!
!
!
!


Similar Part No. - SMCJLCE13A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCJLCE13A MICROSEMI-SMCJLCE13A Datasheet
241Kb / 4P
   1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE13A EIC-SMCJLCE13A Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SMCJLCE13A ETC2-SMCJLCE13A Datasheet
424Kb / 5P
   Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMCJLCE13A SUNMATE-SMCJLCE13A Datasheet
278Kb / 4P
   Transient Voltage Suppressor
logo
Microsemi Corporation
SMCJLCE13AE3 MICROSEMI-SMCJLCE13AE3 Datasheet
241Kb / 4P
   1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCJLCE13A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SLCD6.5A SUNMATE-SLCD6.5A Datasheet
607Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMBJ-LC5.0A SUNMATE-SMBJ-LC5.0A Datasheet
748Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ-LC5.0 EIC-SMBJ-LC5.0 Datasheet
125Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
83Kb / 2P
   SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
MSMCGLCE6.5A MICROSEMI-MSMCGLCE6.5A Datasheet
1Mb / 7P
   1500 Watt Low Capacitance Surface Mount Transient Voltage Suppressor
Rev. C
SMCGLCE6.5 MICROSEMI-SMCGLCE6.5 Datasheet
241Kb / 4P
   1500 WATT LOW CAPACITANCE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SLCB6.5A SUNMATE-SLCB6.5A Datasheet
548Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0BULC CENTRAL-CTLTVS5V0BULC Datasheet
808Kb / 6P
   SURFACE MOUNT SILICON BI-DIRECTIONAL LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
R4 19-June 2019
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com