Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C164-35PC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C164-35PC
Description  16K x 4 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C164-35PC Datasheet(HTML) 8 Page - Cypress Semiconductor

  CY7C164-35PC Datasheet HTML 1Page - Cypress Semiconductor CY7C164-35PC Datasheet HTML 2Page - Cypress Semiconductor CY7C164-35PC Datasheet HTML 3Page - Cypress Semiconductor CY7C164-35PC Datasheet HTML 4Page - Cypress Semiconductor CY7C164-35PC Datasheet HTML 5Page - Cypress Semiconductor CY7C164-35PC Datasheet HTML 6Page - Cypress Semiconductor CY7C164-35PC Datasheet HTML 7Page - Cypress Semiconductor CY7C164-35PC Datasheet HTML 8Page - Cypress Semiconductor CY7C164-35PC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CY7C164
CY7C166
Document #: 38-05025 Rev. **
Page 8 of 9
© Cypress Semiconductor Corporation, 2001. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
Package Diagrams
51-85012-A
22-Lead (300-Mil) Molded DIP P9
51-85013-A
24-Lead (300-Mil) Molded DIP P13/P13A
24-Lead (300-Mil) Molded SOJ V13
51-85030-A


Similar Part No. - CY7C164-35PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C164-15PC CYPRESS-CY7C164-15PC Datasheet
266Kb / 9P
   16K x 4 Static RAM
CY7C164-25PC CYPRESS-CY7C164-25PC Datasheet
266Kb / 9P
   16K x 4 Static RAM
More results

Similar Description - CY7C164-35PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
   16K x 4 Static RAM
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
   16K x 1 Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
   16K * 4 BIT STATIC RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
   16K x 1 Asynchronous CMOS Static RAM
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
   16K x 1 Asynchronous CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com