Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9544A Datasheet(PDF) 3 Page - Texas Instruments

Part # PCA9544A
Description  SMBus Multiplexer With Interrupt Logic
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9544A Datasheet(HTML) 3 Page - Texas Instruments

  PCA9544A_16 Datasheet HTML 1Page - Texas Instruments PCA9544A_16 Datasheet HTML 2Page - Texas Instruments PCA9544A_16 Datasheet HTML 3Page - Texas Instruments PCA9544A_16 Datasheet HTML 4Page - Texas Instruments PCA9544A_16 Datasheet HTML 5Page - Texas Instruments PCA9544A_16 Datasheet HTML 6Page - Texas Instruments PCA9544A_16 Datasheet HTML 7Page - Texas Instruments PCA9544A_16 Datasheet HTML 8Page - Texas Instruments PCA9544A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
20
6
8
9 10
1
2
3
4
5
15
14
13
12
11
19
A2
INT0
SD0
SC0
INT1
INT
SC3
SD3
INT3
SC2
RGW PACKAGE
(TOP VIEW)
18 17 16
7
DGV, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
A0
A1
A2
INT0
SD0
SC0
INT1
SD1
SC1
GND
V
CC
SDA
SCL
INT
SC3
SD3
INT3
SC2
SD2
INT2
SDA
INT3
RGY PACKAGE
(TOP VIEW)
2
A1
19
3
A2
18
SCL
4
INT0
17
INT
5
SD0
16
SC3
6
SC0
15
SD3
7
INT1
14
8
SD1
13
SC2
9
SC1
12
SD2
1
10
20
11
GQN OR ZQN PACKAGE
(TOP VIEW)
1
2
3
4
A
B
C
D
E
PCA9544A
www.ti.com
SCPS146E – OCTOBER 2005 – REVISED JUNE 2014
6 Pin Configuration and Functions
Pin Functions
PIN NO.
NAME
FUNCTION
DGV, DW, PW,
RGW
GQN, ZQN
AND RGY
1
19
A2
A0
Address input 0. Connect directly to VCC or ground.
2
20
A1
A1
Address input 1. Connect directly to VCC or ground.
3
1
B3
A2
Address input 2. Connect directly to VCC or ground.
4
2
B1
INT0
Active-low interrupt input 0. Connect to VDPU0
(1) through a pull-up resistor.
5
3
C2
SD0
Serial data 0. Connect to VDPU0
(1) through a pull-up resistor.
6
4
C1
SC0
Serial clock 0. Connect to VDPU0
(1) through a pull-up resistor.
7
5
D3
INT1
Active-low interrupt input 1. Connect to VDPU1
(1) through a pull-up resistor.
8
6
D1
SD1
Serial data 1. Connect to VDPU1
(1) through a pull-up resistor.
9
7
E2
SC1
Serial clock 1. Connect to VDPU1
(1) through a pull-up resistor.
10
8
E1
GND
Ground
11
9
E3
INT2
Active-low interrupt input 2. Connect to VDPU2
(1) through a pull-up resistor.
12
10
E4
SD2
Serial data 2. Connect to VDPU2
(1) through a pull-up resistor.
13
11
D2
SC2
Serial clock 2. Connect to VDPU2
(1) through a pull-up resistor.
14
12
D4
INT3
Active-low interrupt input 3. Connect to VDPU3
(1) through a pull-up resistor.
15
13
C3
SD3
Serial data 3. Connect to VDPU3
(1) through a pull-up resistor.
16
14
C4
SC3
Serial clock 3. Connect to VDPU3
(1) through a pull-up resistor.
17
15
B2
INT
Active-low interrupt output. Connect to VDPUM
(1) through a pull-up resistor.
18
16
B4
SCL
Serial clock line. Connect to VDPUM
(1) through a pull-up resistor.
19
17
A4
SDA
Serial data line. Connect to VDPUM
(1) through a pull-up resistor.
20
18
A3
VCC
Supply power
(1)
VDPUX is the pull-up reference voltage for the associated data line. VDPUM is the master I
2C reference voltage while V
DPU0-VDPU3 are the
slave channel reference voltages.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: PCA9544A


Similar Part No. - PCA9544A_16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9544ABS PHILIPS-PCA9544ABS Datasheet
149Kb / 18P
   4-channel IC multiplexer with interrupt logic
2004 Sep 29
PCA9544ABS NXP-PCA9544ABS Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9544ABS NXP-PCA9544ABS Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544ABS NXP-PCA9544ABS Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
More results

Similar Description - PCA9544A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9544A TI-PCA9544A Datasheet
578Kb / 23P
[Old version datasheet]   4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
PCA9544A TI-PCA9544A_07 Datasheet
823Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
TCA9544A TI1-TCA9544A Datasheet
892Kb / 29P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
logo
NXP Semiconductors
PCA9544A PHILIPS-PCA9544A Datasheet
149Kb / 18P
   4-channel IC multiplexer with interrupt logic
2004 Sep 29
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
   SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
   2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
logo
Texas Instruments
PCA9545A TI-PCA9545A Datasheet
834Kb / 28P
[Old version datasheet]   4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com