Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9517DGKRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9517DGKRG4
Description  PCA9517 Level-Translating
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9517DGKRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCA9517DGKRG4 Datasheet HTML 6Page - Texas Instruments PCA9517DGKRG4 Datasheet HTML 7Page - Texas Instruments PCA9517DGKRG4 Datasheet HTML 8Page - Texas Instruments PCA9517DGKRG4 Datasheet HTML 9Page - Texas Instruments PCA9517DGKRG4 Datasheet HTML 10Page - Texas Instruments PCA9517DGKRG4 Datasheet HTML 11Page - Texas Instruments PCA9517DGKRG4 Datasheet HTML 12Page - Texas Instruments PCA9517DGKRG4 Datasheet HTML 13Page - Texas Instruments PCA9517DGKRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SDAA
SDAB
SCL
Rise time accelerator pulling SDAB high
after SDAA overshoots past 500mV
Not Recommended for New Designs
PCA9517
SCPS157E – DECEMBER 2007 – REVISED JUNE 2014
www.ti.com
8.2 Feature Description
8.2.1 Clock Stretching Errata
Description
Due to the static offset on the B-side and the possibility of an overshoot above 500mV during events like clock
stretching, the device should not be used with rise time accelerators on the B-side.
Figure 5. Waveform of Clock Stretching with Rise Time Accelerator on the Bus
System Impact
An incorrect logic state will be transferred to circuits, creating an I2C communication failure on the bus.
System Workaround
Usage of the TCA9517 is recommended.
There are two possible workarounds to avoid an I2C communication failure:
Removing rise-time accelerators from the B-side bus
Adding a larger capacitive load to the bus will limit the overshoot
8.2.2 Load Dependent Undershoot Errata
Description
There is a case in which a combination of weak pull-up resistance and light bus loading will cause
communication failure through the bus due to undershoot. During a low-to-high transition, when the B-side
releases from its 500mV VOL, an undershoot below VILC can occur. In this event, the A-side will recognize this
as a valid low coming from the B-side, causing the A-side to be pulled down by the buffer. The A-side being
improperly pulled down by the buffer will trigger the B-side to be pulled low. Since the B-side will be pulled to
500mV, this will not force the A-side to stay low. As the A-side begins transitioning high again, the issue will
repeat itself.
System Impact
An incorrect logic state will be transferred to circuits, creating an I2C communication failure on the bus.
System Workaround
Usage of the TCA9517 is recommended.
There are two possible workarounds to avoid an I2C communication failure:
Removing rise-time accelerators from the B-side bus
Adding a larger capacitive load to the bus will limit the overshoot
10
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: PCA9517


Similar Part No. - PCA9517DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9517DGKRG4 TI-PCA9517DGKRG4 Datasheet
451Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
More results

Similar Description - PCA9517DGKRG4

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6ULS5V9517A PERICOM-PI6ULS5V9517A Datasheet
573Kb / 12P
   Level Translating SMBus Repeater
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A Datasheet
202Kb / 14P
   Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com