Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9515ADGKRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9515ADGKRG4
Description  SMBus Repeater
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9515ADGKRG4 Datasheet(HTML) 4 Page - Texas Instruments

  PCA9515ADGKRG4 Datasheet HTML 1Page - Texas Instruments PCA9515ADGKRG4 Datasheet HTML 2Page - Texas Instruments PCA9515ADGKRG4 Datasheet HTML 3Page - Texas Instruments PCA9515ADGKRG4 Datasheet HTML 4Page - Texas Instruments PCA9515ADGKRG4 Datasheet HTML 5Page - Texas Instruments PCA9515ADGKRG4 Datasheet HTML 6Page - Texas Instruments PCA9515ADGKRG4 Datasheet HTML 7Page - Texas Instruments PCA9515ADGKRG4 Datasheet HTML 8Page - Texas Instruments PCA9515ADGKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
PCA9515A
SCPS150D – DECEMBER 2005 – REVISED JUNE 2014
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Enable input voltage range(2)
–0.5
7
V
VI/O
I2C bus voltage range(2)
–0.5
7
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
D package
97
DCT package
220
θJA
Package thermal impedance(3)
DGK package
172
°C/W
DRG package
TBD
PW package
149
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
0
2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
0
1000
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage
2.3
3.6
V
SDA and SCL inputs
0.7 × VCC
5.5
VIH
High-level input voltage
V
EN input
2
5.5
SDA and SCL inputs
–0.5
0.3 × VCC
VIL
(1)
Low-level input voltage
V
EN input
–0.5
0.8
VILc
(1)
SDA and SCL low-level input voltage contention
–0.5
0.4
V
VCC = 2.3 V
6
IOL
Low-level output current
mA
VCC = 3 V
6
TA
Operating free-air temperature
–40
85
°C
(1)
VIL specification is for the EN input and the first low level seen by the SDAx and SCLx lines. VILc is for the second and subsequent low
levels seen by the SDAx and SCLx lines. VILc must be at least 70 mV below VOL.
4
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: PCA9515A


Similar Part No. - PCA9515ADGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9515ADGKRG4 TI-PCA9515ADGKRG4 Datasheet
274Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
More results

Similar Description - PCA9515ADGKRG4

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6ULS5V9515A PERICOM-PI6ULS5V9515A Datasheet
494Kb / 10P
   SMBus Repeater
PI6ULS5V9517A PERICOM-PI6ULS5V9517A Datasheet
573Kb / 12P
   Level Translating SMBus Repeater
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
logo
Nuvoton Technology Corp...
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
logo
Texas Instruments
PCA9515B TI1-PCA9515B Datasheet
515Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
logo
Pericom Semiconductor C...
PI6ULS5V9509 PERICOM-PI6ULS5V9509 Datasheet
628Kb / 10P
   Level Translating SMBus Repeater with Tiny Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com