Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9535 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCA9535
Description  SMBus Low-Power I/O Expander
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9535 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCA9535_15 Datasheet HTML 2Page - Texas Instruments PCA9535_15 Datasheet HTML 3Page - Texas Instruments PCA9535_15 Datasheet HTML 4Page - Texas Instruments PCA9535_15 Datasheet HTML 5Page - Texas Instruments PCA9535_15 Datasheet HTML 6Page - Texas Instruments PCA9535_15 Datasheet HTML 7Page - Texas Instruments PCA9535_15 Datasheet HTML 8Page - Texas Instruments PCA9535_15 Datasheet HTML 9Page - Texas Instruments PCA9535_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
PCA9535
SCPS129J – AUGUST 2005 – REVISED JUNE 2014
www.ti.com
6.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
VIK
Input diode clamp voltage
II = –18 mA
2.3 V to 5.5 V
–1.2
V
VPOR
Power-on reset voltage
VI = VCC or GND, IO = 0
VPOR
1.5
1.65
V
2.3 V
1.8
IOH = –8 mA
3 V
2.6
4.75 V
4.1
VOH
P-port high-level output voltage(2)
V
2.3 V
1.7
IOH = –10 mA
3 V
2.5
4.75 V
4
SDA
VOL = 0.4 V
3
VOL = 0.5 V
8
20
IOL
P port(3)
2.3 V to 5.5 V
mA
VOL = 0.7 V
10
24
INT
VOL = 0.4 V
3
SCL, SDA
±1
II
VI = VCC or GND
2.3 V to 5.5 V
μA
A2–A0
±1
IIH
P port
VI = VCC
2.3 V to 5.5 V
1
μA
IIL
P port
VI = GND
2.3 V to 5.5 V
–1
μA
5.5 V
100
200
VI = VCC or GND, IO = 0,
Operating mode
3.6 V
30
75
I/O = inputs, fSCL = 400 kHz
2.7 V
20
50
ICC
μA
5.5 V
0.5
1
VI = GND, IO = 0, I/O = inputs,
Standby mode
3.6 V
0.4
0.9
fSCL = 0 kHz
2.7 V
0.25
0.8
One input at VCC – 0.6 V,
ΔICC
Additional current in standby mode
2.3 V to 5.5 V
200
μA
Other inputs at VCC or GND
CI
SCL
VI = VCC or GND
2.3 V to 5.5 V
3
7
pF
SDA
3
7
Cio
VIO = VCC or GND
2.3 V to 5.5 V
pF
P port
3.7
9.5
(1)
All typical values are at nominal supply voltage (2.5-V, 3.3-V, or 5-V VCC) and TA = 25°C.
(2)
Each I/O must be limited externally to a maximum of 25 mA, and each octal (P07–P00 and P17–P10) must be limited to a maximum
current of 100 mA, for a device total of 200 mA.
(3)
The total current sourced by all I/Os must be limited to 160 mA (80 mA for P07–P00 and 80 mA for P17–P10).
6
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: PCA9535


Similar Part No. - PCA9535_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9535A NXP-PCA9535A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9535A NXP-PCA9535A Datasheet
2Mb / 38P
   Low-voltage 16-bit I2C-bus I/O port with interrupt
Rev. 1-11 September 2012
PCA9535AHF NXP-PCA9535AHF Datasheet
2Mb / 38P
   Low-voltage 16-bit I2C-bus I/O port with interrupt
Rev. 1-11 September 2012
PCA9535APW NXP-PCA9535APW Datasheet
2Mb / 38P
   Low-voltage 16-bit I2C-bus I/O port with interrupt
Rev. 1-11 September 2012
PCA9535BS PHILIPS-PCA9535BS Datasheet
139Kb / 19P
   16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
More results

Similar Description - PCA9535_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9539 TI1-PCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCF8575C TI1-PCF8575C_15 Datasheet
1Mb / 38P
[Old version datasheet]   SMBus Low-Power I/O Expander
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
TCA9538 TI1-TCA9538 Datasheet
1Mb / 37P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander
PCA9554A TI1-PCA9554A_15 Datasheet
1Mb / 40P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9555 TI1-PCA9555_15 Datasheet
1Mb / 42P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
logo
Pericom Semiconductor C...
PI4IOE5V9536 PERICOM-PI4IOE5V9536 Datasheet
498Kb / 12P
   SMBus low power I/O port
logo
NXP Semiconductors
PCA6416A NXP-PCA6416A Datasheet
2Mb / 42P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com