Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAP222 Datasheet(PDF) 3 Page - ON Semiconductor

Part # DAP222
Description  Common Anode Silicon Dual Switching Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAP222 Datasheet(HTML) 3 Page - ON Semiconductor

  DAP222 Datasheet HTML 1Page - ON Semiconductor DAP222 Datasheet HTML 2Page - ON Semiconductor DAP222 Datasheet HTML 3Page - ON Semiconductor DAP222 Datasheet HTML 4Page - ON Semiconductor DAP222 Datasheet HTML 5Page - ON Semiconductor DAP222 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DAP222, DAP202U
http://onsemi.com
3
A
RL
tr
tp
t
10%
90%
VR
tp = 2 ms
tr = 0.35 ns
IF
trr
t
Irr = 0.1 IR
IF = 5.0 mA
VR = 6 V
RL = 100 W
RECOVERY TIME EQUIVALENT TEST CIRCUIT
INPUT PULSE
OUTPUT PULSE
Figure 4. Reverse Recovery Time Test Circuit for the DAP222
A
RL
tr
tp
t
10%
90%
VR
tp = 2 ms
tr = 0.35 ns
IF
trr
t
Irr = 0.1 IR
IF = 5.0 mA
VR = 6 V
RL = 100 W
RECOVERY TIME EQUIVALENT TEST CIRCUIT
INPUT PULSE
OUTPUT PULSE
Figure 5. Reverse Recovery Time Test Circuit for the DAP202U


Similar Part No. - DAP222

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DAP222 MOTOROLA-DAP222 Datasheet
90Kb / 6P
   SOT-416/SC-90 PACKAGE COMMON ANODE DUAL SWITCHING DIODE SURFACE MOUNT
logo
ON Semiconductor
DAP222 ONSEMI-DAP222 Datasheet
64Kb / 5P
   Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
logo
Diodes Incorporated
DAP222 DIODES-DAP222 Datasheet
63Kb / 4P
   Ultra high speed switching
logo
Galaxy Semi-Conductor H...
DAP222 BILIN-DAP222 Datasheet
151Kb / 3P
   Surface Mount Fast Switching Diode
logo
Rohm
DAP222 ROHM-DAP222 Datasheet
530Kb / 3P
   Switching diode
More results

Similar Description - DAP222

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
M1MAWAT1 LRC-M1MAWAT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA151WKT1 ETL-M1MA151WKT1 Datasheet
102Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP222 ONSEMI-DAP222_05 Datasheet
59Kb / 5P
   Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
logo
Leshan Radio Company
M1MA151WALT1 LRC-M1MA151WALT1 Datasheet
111Kb / 3P
   Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA151WAT1 ETL-M1MA151WAT1 Datasheet
118Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
Leshan Radio Company
M1MA151WKLT1 LRC-M1MA151WKLT1 Datasheet
102Kb / 3P
   Common Anode Silicon Dual Switching diodes
LM1MA151WAT1 LRC-LM1MA151WAT1 Datasheet
67Kb / 3P
   Common Anode Silicon Dual Switching diodes
logo
Motorola, Inc
M1MA151WAT1 MOTOROLA-M1MA151WAT1 Datasheet
85Kb / 6P
   Common Anode Silicon Dual Switching Diodes
logo
Leshan Radio Company
M1MA151WKT1 LRC-M1MA151WKT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP222 ONSEMI-DAP222 Datasheet
64Kb / 5P
   Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com