Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM49153 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM49153
Description  Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49153 Datasheet(HTML) 5 Page - Texas Instruments

  LM49153 Datasheet HTML 1Page - Texas Instruments LM49153 Datasheet HTML 2Page - Texas Instruments LM49153 Datasheet HTML 3Page - Texas Instruments LM49153 Datasheet HTML 4Page - Texas Instruments LM49153 Datasheet HTML 5Page - Texas Instruments LM49153 Datasheet HTML 6Page - Texas Instruments LM49153 Datasheet HTML 7Page - Texas Instruments LM49153 Datasheet HTML 8Page - Texas Instruments LM49153 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LM49153
www.ti.com
SNAS496C – JANUARY 2011 – REVISED MAY 2013
Electrical Characteristics VDD = 3.6V, HPVDD = 1.8V
(1) (2)
The following specifications apply for VDD = LSVDD, AV = 0dB, RL = 15μH+8Ω+15µH (Loudspeaker), RL = 32Ω (Headphone),
CSET = 0.1µF, f = 1kHz, ALC off, unless otherwise specified. Limits apply for TA = 25°C.
(3).
LM49153
Units
Symbol
Parameter
Conditions
(Limits)
Typical(4)
Limits(5)
VIN = 0, No Load
EP Receiver
0.3
2.5
μA (max)
(Output Mode Bit EP Bypass = 1)
LS only (Mode 2)
VDD, LSVDD
3.0
4.3
mA (max)
HPVDD
0
mA
IDD
Supply Current
HP only (Mode 1)
VDD + LSVDD
1.8
2.5
mA (max)
HPVDD
1.2
1.6
mA (max)
LS + HP (Mode 6)
VDD + LSVDD
4.3
5.5
mA (max)
HPVDD
1.2
1.6
mA (max)
ISD
Shutdown Current
VSCL = VSDA = 3.6V
0.3
2.5
µA (max)
VIN = 0, Mode 3, 6, 9
VOS
Output Offset Voltage
LS Output, RL = 8Ω, AV = 12dB
9
mV
HP Output, RL = 32Ω, AV = 0dB
0.5
mV
HP Mode, CBYPASS = 2.2μF
tWU
Wake Up Time
Normal turn on time
32
ms
Fast turn on time
18
ms
Mute
–86
dB
Minimum Gain Setting
–51
dB (max)
–52.5
(mono input)
–54
dB (min)
12.5
dB (max)
Maximum Gain Setting (mono input)
12
AVOL
Volume Control
11.5
dB (min)
dB (max)
Minimum Gain Setting (stereo input)
–80
dB (min)
dB (max)
Maximum Gain Setting (stereo input)
18
dB (min)
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Loudspeaker RL is a resistive load in series with two inductors to simulate an actual speaker load. For RL = 8Ω, the load is 15µH + 8Ω,
+15µH. For RL = 4Ω, the load is 15µH + 4Ω + 15µH.
(4)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not specified.
(5)
Datasheet min/max specification limits are specified by test or statistical analysis.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM49153


Similar Part No. - LM49153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM49153 TI1-LM49153 Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
LM49153TM TI1-LM49153TM Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
LM49153TMX TI1-LM49153TMX Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
More results

Similar Description - LM49153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM49153 TI1-LM49153 Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
[Old version datasheet]   Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com