Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6120 Datasheet(PDF) 7 Page - Exar Corporation

Part # SP6120
Description  Low Voltage, AnyFETTM, Synchronous,Buck Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6120 Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP6120 Datasheet HTML 3Page - Exar Corporation SP6120 Datasheet HTML 4Page - Exar Corporation SP6120 Datasheet HTML 5Page - Exar Corporation SP6120 Datasheet HTML 6Page - Exar Corporation SP6120 Datasheet HTML 7Page - Exar Corporation SP6120 Datasheet HTML 8Page - Exar Corporation SP6120 Datasheet HTML 9Page - Exar Corporation SP6120 Datasheet HTML 10Page - Exar Corporation SP6120 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
Date: 1/21/05
SP6120 Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2005 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS: Continued
Unless otherwise specified: VCC = BST = ENABLE = 3.3V, ROSC = 18.7kΩ, CCOMP = 0.1µF, CSS = 0.1µF, CGH = CGL = 3.3nF, VFB = 1.25V,
ISP = ISN = 1.25V, SWN = GND = PGND = 0V, TAMB = 25°C.
Figure 8. Error Amplifier Reference vs. Temperature
Figure 9. Overcurrent Comparator Threshold Voltage
vs. Temperature
Figure 10. SS Charge Current vs. Temperature with
V
SS = 1.5V
Figure 11. SS Discharge Current vs. Temperature with
V
SS = 1.5V
Figure 12. V
FB 3% High Comparator vs. Temperature
Figure 13. V
FB 3% Low Comparator vs. Temperature
-0.20
-0.10
0.00
0.10
0.20
0.30
-40
-15
10
35
60
85
Temperature (
°C)
-47
-40
-15
10
35
60
85
-46
-45
-44
Temperature (
°C)
5.00
5.05
5.10
5.15
5.20
5.25
-40
-15
10
35
60
85
Temperature (
°C)
2.6
2.8
3.0
3.2
3.4
3.6
-40
-15
10
35
60
85
Temperature (
°C)
-3.2
-3.0
-2.8
-2.6
-2.4
-2.2
-40
-15
10
35
60
85
Temperature (
°C)
-40
-15
10
35
60
85
40
42
44
Temperature (
°C)
46
48
38


Similar Part No. - SP6120

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6120 SIPEX-SP6120 Datasheet
145Kb / 13P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
216Kb / 22P
   Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120B SIPEX-SP6120B Datasheet
304Kb / 22P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120BCY SIPEX-SP6120BCY Datasheet
304Kb / 22P
   Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
More results

Similar Description - SP6120

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com