Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4937 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM4937
Description  Audio Sub-System with OCL Stereo Headphone Output and RF Suppression
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4937 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM4937 Datasheet HTML 25Page - Texas Instruments LM4937 Datasheet HTML 26Page - Texas Instruments LM4937 Datasheet HTML 27Page - Texas Instruments LM4937 Datasheet HTML 28Page - Texas Instruments LM4937 Datasheet HTML 29Page - Texas Instruments LM4937 Datasheet HTML 30Page - Texas Instruments LM4937 Datasheet HTML 31Page - Texas Instruments LM4937 Datasheet HTML 32Page - Texas Instruments LM4937 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
2.7
3
3.5
4
5.5
0
200m
400m
600m
800m
1
1.2
1.4
1.6
1.8
2
SUPPLY VOLTAGE (V)
4.5
5
2.7
3
3.5
4
5.5
0
40
80
120
160
200
240
280
SUPPLY VOLTAGE (V)
4.5
5
2.7
3
3.5
4
5.5
10
30
50
70
90
110
130
150
SUPPLY VOLTAGE (V)
4.5
5
LM4937
www.ti.com
SNAS369J – OCTOBER 2006 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Output Power vs Supply Voltage
Output Power vs Supply Voltage
EP Out , RL = 32Ω, 1% THD+N
HP Out , RL = 32Ω, 1% THD+N
Figure 39.
Figure 40.
Output Power vs Supply Voltage
LS Out , RL = 8Ω, 1% THD+N
Figure 41.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM4937


Similar Part No. - LM4937

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
logo
Texas Instruments
LM49370 TI1-LM49370 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
National Semiconductor ...
LM49370RL NSC-LM49370RL Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM49370RL/NOPB TI1-LM49370RL/NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
More results

Similar Description - LM4937

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
[Old version datasheet]   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
LM49321 TI-LM49321_15 Datasheet
1,022Kb / 45P
[Old version datasheet]   LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
logo
National Semiconductor ...
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM4934 NSC-LM4934 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com