Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4937 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM4937
Description  Audio Sub-System with OCL Stereo Headphone Output and RF Suppression
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4937 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM4937 Datasheet HTML 16Page - Texas Instruments LM4937 Datasheet HTML 17Page - Texas Instruments LM4937 Datasheet HTML 18Page - Texas Instruments LM4937 Datasheet HTML 19Page - Texas Instruments LM4937 Datasheet HTML 20Page - Texas Instruments LM4937 Datasheet HTML 21Page - Texas Instruments LM4937 Datasheet HTML 22Page - Texas Instruments LM4937 Datasheet HTML 23Page - Texas Instruments LM4937 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
I2S_CLK
MCLK
pll_input
I2S_INT_CLK
PLL
I2S_INPUT_CLK
I2S
Interface
Stereo DAC
125/128
I2S_OUTPUT_CLK
%2
1
0
0
1
fast_clock
DAC
Clock
Gen
%R
DSP CLK
0
1
audio_dk_sel
R Div input clock
PLL
output
clock
PLL input
clock
Clock Gen
input clock
LM4937
SNAS369J – OCTOBER 2006 – REVISED MAY 2013
www.ti.com
By default the stereo DAC operates at 250*fs, i.e. 12.000MHz (at the clock generator input clock) for 48kHz data.
It is expected that the PLL be used to drive the audio system unless a 12.000MHz master clock is supplied. The
PLL can also use the I2S clock input as a source. In this case, the audio DAC uses the clock from the output of
the PLL.
Common Clock Settings for the DAC
The DAC can work in 4 modes, each with different oversampling rates, 125,128,64 & 32. In normal operation
125x oversampling provides for the simplest clocking solution as it will work from 12.000MHz (common in most
systems with Bluetooth or USB) at 48kHz exactly. The other modes are useful if data is being provided to the
DAC from an uncontrollable isochronous source (such as a CD player, DAB, or other external digital source)
rather than being decoded from memory. In this case the PLL can be used to derive a clock for the DAC from the
I2S clock.
The DAC oversampling rate can be changed to allow simpler clocking strategies, this is controlled in the DAC
SETUP register but the oversampling rates are as follows:
DAC MODE
Over sampling Ratio Used
00
125
01
128
10
64
11
32
The following table describes the clock required at the clock generator input for various clock sample rates in the
different DAC modes:
Fs (kHz)
DAC Oversampling Ratio
Required CLock at DAC Clock Generator
Input (MHz)
8
125
2
8
128
2.048
11.025
125
2.75625
11.025
128
2.8224
12
125
3
12
128
3.072
16
125
4
16
128
4.096
20
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4937


Similar Part No. - LM4937

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
logo
Texas Instruments
LM49370 TI1-LM49370 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
National Semiconductor ...
LM49370RL NSC-LM49370RL Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM49370RL/NOPB TI1-LM49370RL/NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
More results

Similar Description - LM4937

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
[Old version datasheet]   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
LM49321 TI-LM49321_15 Datasheet
1,022Kb / 45P
[Old version datasheet]   LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
logo
National Semiconductor ...
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM4934 NSC-LM4934 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com