Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4917 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM4917
Description  Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4917 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4917 Datasheet HTML 4Page - Texas Instruments LM4917 Datasheet HTML 5Page - Texas Instruments LM4917 Datasheet HTML 6Page - Texas Instruments LM4917 Datasheet HTML 7Page - Texas Instruments LM4917 Datasheet HTML 8Page - Texas Instruments LM4917 Datasheet HTML 9Page - Texas Instruments LM4917 Datasheet HTML 10Page - Texas Instruments LM4917 Datasheet HTML 11Page - Texas Instruments LM4917 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
2.0
2.5
3.0
3.5
4.0
0
20
40
60
80
100
120
140
160
180
1.5
10% THD+N
1% THD+N
SUPPLY VOLTAGE (V)
LM4917
SNAS238G – AUGUST 2004 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Output Power vs Supply Voltage
PSRR vs Frequency
RL = 32Ω
VDD = 1.8V, RL = 16Ω
Figure 15.
Figure 16.
PSRR vs Frequency
PSRR vs Frequency
VDD = 1.8V, RL = 32Ω
VDD = 3.0V, RL = 16Ω
Figure 17.
Figure 18.
PSRR vs Frequency
THD+N vs Output Power
VDD = 3.0V, RL = 32Ω
VDD = 1.4V, RL = 32Ω, f = 1kHz
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4917


Similar Part No. - LM4917

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
LM4917MT NSC-LM4917MT Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
LM4917SD NSC-LM4917SD Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
More results

Similar Description - LM4917

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
logo
New Japan Radio
NJU72040 NJRC-NJU72040 Datasheet
289Kb / 19P
   Ground Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
   Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
logo
National Semiconductor ...
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com