Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP338EER1-L Datasheet(PDF) 3 Page - Exar Corporation

Part # SP338EER1-L
Description  RS-232/RS-485/RS-422 TRANSCEIVER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP338EER1-L Datasheet(HTML) 3 Page - Exar Corporation

  SP338EER1-L Datasheet HTML 1Page - Exar Corporation SP338EER1-L Datasheet HTML 2Page - Exar Corporation SP338EER1-L Datasheet HTML 3Page - Exar Corporation SP338EER1-L Datasheet HTML 4Page - Exar Corporation SP338EER1-L Datasheet HTML 5Page - Exar Corporation SP338EER1-L Datasheet HTML 6Page - Exar Corporation SP338EER1-L Datasheet HTML 7Page - Exar Corporation SP338EER1-L Datasheet HTML 8Page - Exar Corporation SP338EER1-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SP338E
3
REV. 1.0.0
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
PIN DESCRIPTIONS BY MODE (MODE2, MODE1, MODE0)
Pin
Name
000,
Figure 1
001,
Figure 2
010,
Figure 3
011,
Figure 4
100,
Figure 5
101,
Figure 6
110,
Figure 7
111,
Figure 8
1
L1
R1 Output
1
1
1
1
1
1
2
L2
R2 Output
R1 Output
R1 Output
R1 Output
R1 Output
R1 Output
R1 Output
3
L3
T1 Input
T1 Input
T1 Input
T1 Input
T1 Input
T1 Input
T1 Input
4
L4
T2 Input
5
L6
R3 Output
1
1
1
1
1
R2 Output
6
L7
T3 Input
T2 Input
T2 Input
7
L8
R4 Output
1
1
R2 Output
1
1
R3 Output
8
L9
R5 Output
1
1
1
1
1
R4 Output
9
VCC
VCC
10
GND
Ground
11
SLEW
SLEW = VCC enables 250kbps slew limiting
12
DIR1
T1 Enable,
R1 Disable
T1 Enable
T1 Enable
T1 Enable
T1 Enable,
R1 Disable
T1 Enable,
R1 Disable
13
DIR2
T2 Enable
T2 Enable,
R2 Disable
14
MODE0
0
1
0
1
0
1
0
1
15
MODE1
0
0
1
1
0
0
1
1
16
MODE2
0
0
0
0
1
1
1
1
17
TERM
Enables RS-485/422 receiver termination
18
INVDIR
Inverts DIR1 and DIR2, where applicable
19
ENABLE
ENABLE = VCC for operation, ENABLE = 0V for shutdown
20
VCC
VCC


Similar Part No. - SP338EER1-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP338EER1-L EXAR-SP338EER1-L Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338EER1-L/TR EXAR-SP338EER1-L/TR Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
More results

Similar Description - SP338EER1-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP339E EXAR-SP339E Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Exar Corporation
SP337EBEY-L EXAR-SP337EBEY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com