Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP335E Datasheet(PDF) 7 Page - Exar Corporation

Part # SP335E
Description  RS-232/RS-485/RS-422 TRANSCEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP335E Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP335E Datasheet HTML 3Page - Exar Corporation SP335E Datasheet HTML 4Page - Exar Corporation SP335E Datasheet HTML 5Page - Exar Corporation SP335E Datasheet HTML 6Page - Exar Corporation SP335E Datasheet HTML 7Page - Exar Corporation SP335E Datasheet HTML 8Page - Exar Corporation SP335E Datasheet HTML 9Page - Exar Corporation SP335E Datasheet HTML 10Page - Exar Corporation SP335E Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SP335E
7
REV. 1.0.0
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
TIMING CHARACTERISTICS (Continued)
UNLESS OTHERWISE NOTED:
VCC = +3.0V to +5.5V, C1-C4 = 0.1µF; TA = TMIN to TMAX. Typical values are at VCC = 3.3V, TA = +25°C.
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RS-485/RS-422, DATA RATE = 250kbps (SLEW = 0V), ONE TRANSMITTER SWITCHING
Maximum Data Rate
250
kbps
RL = 54 , CL = 50pF
tRPHL, tRPLH
Receiver Propagation Delay
50
150
ns
CL = 15pF, Figure 10
tRPHL-tRPLH
Receiver Propagation Delay Skew
10
ns
tDPHL, tDPLH
Driver Propagation Delay
500
1000
ns
RL = 54 , CL = 50pF,
Figure 11
tDPHL-tDPLH
Driver Propagation Delay Skew
100
ns
tDR, tDF
Driver Rise and Fall Time
300
650
1200
ns
tRZH, tRZL
Receiver Output Enable Time
200
ns
CL = 15pF, Figure 12
tRHZ, tRLZ
Receiver Output Disable Time
200
ns
tDZH, tDZL
Driver Output Enable Time
1000
ns
RL = 500 , CL = 50pF,
Figure 13
tDHZ, tDLZ
Driver Output Disable Time
200
ns
RS-485/RS-422, DATA RATE = 20Mbps (SLEW = VCC), ONE TRANSMITTER SWITCHING
Maximum Data Rate
20
Mbps RL = 54 , CL = 50pF
tRPHL, tRPLH
Receiver Propagation Delay
50
150
ns
CL = 15pF, Figure 10
tRPHL-tRPLH
Receiver Propagation Delay Skew
10
ns
tDPHL, tDPLH
Driver Propagation Delay
30
100
ns
RL = 54 , CL = 50pF,
Figure 11
tDPHL-tDPLH
Driver Propagation Delay Skew
10
ns
tDR, tDF
Driver Rise and Fall Time
10
20
ns
tRZH, tRZL
Receiver Output Enable Time
200
ns
CL = 15pF, Figure 12
tRHZ, tRLZ
Receiver Output Disable Time
200
ns
tDZH, tDZL
Driver Output Enable Time
200
ns
RL = 500 , CL = 50pF,
Figure 13
tDHZ, tDLZ
Driver Output Disable Time
200
ns


Similar Part No. - SP335E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
1Mb / 23P
   TRANSCEIVER WITH INTERNAL TERMINATION
SP335ECR1-L EXAR-SP335ECR1-L Datasheet
1Mb / 23P
   TRANSCEIVER WITH INTERNAL TERMINATION
SP335ECR1-L/TR EXAR-SP335ECR1-L/TR Datasheet
1Mb / 23P
   TRANSCEIVER WITH INTERNAL TERMINATION
SP335ECR1L EXAR-SP335ECR1L Datasheet
158Kb / 1P
   Halogen?릃ree Green
SP335EER1-0A-EB EXAR-SP335EER1-0A-EB Datasheet
1Mb / 23P
   TRANSCEIVER WITH INTERNAL TERMINATION
More results

Similar Description - SP335E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP339E EXAR-SP339E Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Exar Corporation
SP337EBEY-L EXAR-SP337EBEY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com