Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP211EH Datasheet(PDF) 9 Page - Exar Corporation

Part # SP211EH
Description  High Speed 5V High Performance
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP211EH Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP211EH Datasheet HTML 5Page - Exar Corporation SP211EH Datasheet HTML 6Page - Exar Corporation SP211EH Datasheet HTML 7Page - Exar Corporation SP211EH Datasheet HTML 8Page - Exar Corporation SP211EH Datasheet HTML 9Page - Exar Corporation SP211EH Datasheet HTML 10Page - Exar Corporation SP211EH Datasheet HTML 11Page - Exar Corporation SP211EH Datasheet HTML 12Page - Exar Corporation SP211EH Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP2EH_23EH_0_060
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
VCC = +5V
–10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
VCC = +5V
+10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
Figure 6, Charge Pump - Phase 
Figure 7, Charge Pump - Phase 2
Figure 8, Charge Pump - Phase 3
Figure 9, Charge Pump - Phase 4


Similar Part No. - SP211EH

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP211EH SIPEX-SP211EH Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
SP211EHCA SIPEX-SP211EHCA Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
SP211EHCA SIPEX-SP211EHCA Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
SP211EHCT SIPEX-SP211EHCT Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
SP211EHCT SIPEX-SP211EHCT Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
More results

Similar Description - SP211EH

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
logo
Exar Corporation
SP213ECA-L-TR EXAR-SP213ECA-L-TR Datasheet
212Kb / 17P
   High Speed 5V High Performance RS232 Transceivers
SP213EHCA-L-TR EXAR-SP213EHCA-L-TR Datasheet
212Kb / 17P
   High Speed 5V High Performance RS232 Transceivers
logo
Sipex Corporation
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
   5V High Performance VCXO
logo
Sipex Corporation
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
   5V High Performance RS232 Transceivers
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
logo
Sipex Corporation
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
   5V High Performance RS232 Transceivers
logo
Bourns Electronic Solut...
P500-G BOURNS-P500-G Datasheet
755Kb / 7P
   Extremely high speed performance
P650-U BOURNS-P650-U Datasheet
705Kb / 6P
   Extremely high speed performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com