Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVC16835DGGR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AVC16835DGGR
Description  18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC16835DGGR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AVC16835DGGR Datasheet HTML 2Page - Texas Instruments SN74AVC16835DGGR Datasheet HTML 3Page - Texas Instruments SN74AVC16835DGGR Datasheet HTML 4Page - Texas Instruments SN74AVC16835DGGR Datasheet HTML 5Page - Texas Instruments SN74AVC16835DGGR Datasheet HTML 6Page - Texas Instruments SN74AVC16835DGGR Datasheet HTML 7Page - Texas Instruments SN74AVC16835DGGR Datasheet HTML 8Page - Texas Instruments SN74AVC16835DGGR Datasheet HTML 9Page - Texas Instruments SN74AVC16835DGGR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SN74AVC16835
18-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES168J – DECEMBER 1998 – REVISED FEBRUARY 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOHS = –100 µA,
1.4 V to 3.6 V
VCC–0.2
IOHS = –2 mA,
VIH = 0.91 V
1.4 V
1.05
VOH
IOHS = –4 mA,
VIH = 1.07 V
1.65 V
1.2
V
IOHS = –8 mA,
VIH = 1.7 V
2.3 V
1.75
IOHS = –12 mA,
VIH = 2 V
3 V
2.3
IOLS = 100 µA
1.4 V to 3.6 V
0.2
IOLS = 2 mA,
VIL = 0.49 V
1.4 V
0.4
VOL
IOLS = 4 mA,
VIL = 0.57 V
1.65 V
0.45
V
IOLS = 8 mA,
VIL = 0.7 V
2.3 V
0.55
IOLS = 12 mA,
VIL = 0.8 V
3 V
0.7
II
VI = VCC or GND
3.6 V
±2.5
µA
Ioff
VI or VO = 3.6 V
0
±10
µA
IOZ
VO = VCC or GND,
OE = VCC
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
CLK input
VI =VCC or GND
2.5 V
4
CLK input
VI = VCC or GND
3.3 V
4
Ci
Control inputs
VI =VCC or GND
2.5 V
4
pF
Ci
Control inputs
VI = VCC or GND
3.3 V
4
pF
Data inputs
VI =VCC or GND
2.5 V
2.5
Data inputs
VI = VCC or GND
3.3 V
2.5
Co
Outputs
VO =VCC or GND
2.5 V
6.5
pF
Co
Out uts
VO = VCC or GND
3.3 V
6.5
F
† Typical values are measured at TA = 25°C.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figures 2 through 5)
VCC = 1.2 V
VCC = 1.5 V
± 0.1 V
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
150
150
150
MHz
t
Pulse
LE high
3.3
3.3
3.3
ns
tw
duration
CLK high or low
3.3
3.3
3.3
ns
St
Data before CLK
1
0.9
0.7
0.7
0.7
tsu
Setup
time
Data
CLK high
1.7
1.6
1.2
0.8
0.8
ns
time
before LE
CLK low
2
0.9
0.7
0.5
0.5
Hld
Data after CLK
1.5
1.3
1
0.9
1.3
th
Hold
time
Data
CLK high
3.2
2.4
2
1.7
1.6
ns
time
after LE
CLK low
2.8
2.1
1.7
1.5
1.4


Similar Part No. - SN74AVC16835DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16835DGG TI-SN74AVC16835DGG Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AVC16835DGGR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16834 TI-SN74ALVC16834 Datasheet
149Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162835 TI-SN74ALVCH162835 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16834 TI-SN74AVC16834 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hynix Semiconductor
HG74ALVC16835C HYNIX-HG74ALVC16835C Datasheet
135Kb / 7P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC16835 TI-SN74ALVC16835_07 Datasheet
496Kb / 18P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVC162835 RENESAS-HD74ALVC162835 Datasheet
241Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Hynix Semiconductor
HG74ALVC162835C HYNIX-HG74ALVC162835C Datasheet
139Kb / 8P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC162834 TI-SN74ALVC162834 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com