Electronic Components Datasheet Search |
|
SN74AUP1G126DBVR Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SN74AUP1G126DBVR Datasheet(HTML) 1 Page - Texas Instruments |
1 / 29 page GND DBV PACKAGE (TOP VIEW) 5 1 V CC OE 2 A 3 4 Y DRL PACKAGE (TOP VIEW) 2 A V CC 5 1 OE 3 4 GND GND Y DCK PACKAGE (TOP VIEW) 2 A 3 4 GND V CC 5 OE Y 1 DRY PACKAGE (TOP VIEW) A N.C. OE 6 5 4 2 3 GND Y V CC 1 GND Y 3 4 A 2 5 OE 6 1 N.C. V CC DSF PACKAGE (TOP VIEW) YZP PACKAGE (TOP VIEW) YFP PACKAGE ( VIEW) TOP GND OE Y V CC A 3 5 2 1 4 A1 B1 C1 A2 C2 GND OE Y V CC A 3 6 2 1 4 5 N.C. A1 B1 C1 A2 B2 C2 SN74AUP1G126 www.ti.com SCES596F – JULY 2004 – REVISED MAY 2010 LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT Check for Samples: SN74AUP1G126 1 FEATURES • Available in the Texas Instruments NanoStar™ • Input Hysteresis Allows Slow Input Transition Package and Better Switching Noise Immunity at Input • Low Static-Power Consumption • Wide Operating VCC Range of 0.8 V to 3.6 V (ICC = 0.9 mA Max) • Optimized for 3.3-V Operation • Low Dynamic-Power Consumption • 3.6-V I/O Tolerant to Support Mixed-Mode (Cpd = 4 pF Typ at 3.3 V) Signal Operation • Low Input Capacitance (Ci = 1.5 pF Typ) • tpd = 4.6 ns Max at 3.3 V • Low Noise – Overshoot and Undershoot • Suitable for Point-to-Point Applications <10% of VCC • Latch-Up Performance Exceeds 100 mA Per • Input-Disable Feature Allows Floating Input JESD 78, Class II Conditions • ESD Performance Tested Per JESD 22 − • Ioff Supports Partial-Power-Down Mode – 2000-V Human-Body Model Operation (A114-B, Class II) – 1000-V Charged-Device Model (C101) N.C. – No internal connection. See mechanical drawings for dimensions. DESCRIPTION/ORDERING INFORMATION The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable applications. This family ensures a very low static and dynamic power consumption across the entire VCC range of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity (see Figure 1 and Figure 2 ). 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2004–2010, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - SN74AUP1G126DBVR |
|
Similar Description - SN74AUP1G126DBVR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |