Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G08DRL Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74AUP1G08DRL
Description  Low-Power Single 2-Input Positive-AND Gate
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G08DRL Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AUP1G08DRL Datasheet HTML 5Page - Texas Instruments SN74AUP1G08DRL Datasheet HTML 6Page - Texas Instruments SN74AUP1G08DRL Datasheet HTML 7Page - Texas Instruments SN74AUP1G08DRL Datasheet HTML 8Page - Texas Instruments SN74AUP1G08DRL Datasheet HTML 9Page - Texas Instruments SN74AUP1G08DRL Datasheet HTML 10Page - Texas Instruments SN74AUP1G08DRL Datasheet HTML 11Page - Texas Instruments SN74AUP1G08DRL Datasheet HTML 12Page - Texas Instruments SN74AUP1G08DRL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
VCC (V)
0
1
2
3
4
0
5
10
15
20
25
30
D001
TPD in ns
Temperature (°C)
-50
0
50
100
150
0
1
2
3
4
5
6
7
D001
TPD in ns
9
SN74AUP1G08
www.ti.com
SCES502P – NOVEMBER 2003 – REVISED JUNE 2016
Product Folder Links: SN74AUP1G08
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
6.11 Typical Characteristics
Figure 1. TPD vs VCC, 15 pF Load
Figure 2. TPD vs Temperature 1.8 V, 15 pF Load


Similar Part No. - SN74AUP1G08DRL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G08DRLR TI-SN74AUP1G08DRLR Datasheet
568Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08DRLR TI-SN74AUP1G08DRLR Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08DRLRG4 TI-SN74AUP1G08DRLRG4 Datasheet
568Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08DRLRG4 TI-SN74AUP1G08DRLRG4 Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74AUP1G08DRL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G08-Q1 TI1-SN74AUP1G08-Q1 Datasheet
806Kb / 15P
[Old version datasheet]   Low-Power Single 2-Input Positive-AND Gate
SN74AUP1G08 TI-SN74AUP1G08_10 Datasheet
969Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI-SN74AUP1G08 Datasheet
272Kb / 13P
[Old version datasheet]   LOW POWER SINGLE 2 INPUT POSITIVE AND GATE
SN74AUP1G08 TI-SN74AUP1G08_07 Datasheet
568Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUP1G08 TI1-SN74AUP1G08_15 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G08 Low-Power Single 2-Input Positive-AND Gate
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com