Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G02DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G02DBVT
Description  Low-Power Single 2-Input Positive-NOR Gate
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G02DBVT Datasheet(HTML) 2 Page - Texas Instruments

  SN74AUP1G02DBVT Datasheet HTML 1Page - Texas Instruments SN74AUP1G02DBVT Datasheet HTML 2Page - Texas Instruments SN74AUP1G02DBVT Datasheet HTML 3Page - Texas Instruments SN74AUP1G02DBVT Datasheet HTML 4Page - Texas Instruments SN74AUP1G02DBVT Datasheet HTML 5Page - Texas Instruments SN74AUP1G02DBVT Datasheet HTML 6Page - Texas Instruments SN74AUP1G02DBVT Datasheet HTML 7Page - Texas Instruments SN74AUP1G02DBVT Datasheet HTML 8Page - Texas Instruments SN74AUP1G02DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
SN74AUP1G02
SCES568H –JUNE 2004–REVISED OCTOBER 2014
www.ti.com
Table of Contents
Pulse Duration ........................................................... 9
1
Features
.................................................................. 1
8.2 Enable and Disable Times ...................................... 10
2
Applications
........................................................... 1
9
Detailed Description
............................................ 11
3
Description
............................................................. 1
9.1 Overview ................................................................. 11
4
Simplified Schematic
............................................. 1
9.2 Functional Block Diagram ....................................... 11
5
Revision History
..................................................... 2
9.3 Feature Description................................................. 11
6
Pin Configuration and Functions
......................... 3
9.4 Device Functional Modes........................................ 11
7
Specifications
......................................................... 4
10
Application and Implementation
........................ 12
7.1 Absolute Maximum Ratings ..................................... 4
10.1 Application Information.......................................... 12
7.2 Handling Ratings ...................................................... 4
10.2 Typical Application ............................................... 12
7.3 Recommended Operating Conditions ...................... 5
11
Power Supply Recommendations
..................... 14
7.4 Thermal Information.................................................. 5
12
Layout
................................................................... 14
7.5 Electrical Characteristics........................................... 6
12.1 Layout Guidelines ................................................. 14
7.6 Switching Characteristics, CL = 5 pF ........................ 6
12.2 Layout Example .................................................... 14
7.7 Switching Characteristics, CL = 10 pF ...................... 7
13
Device and Documentation Support
................. 15
7.8 Switching Characteristics, CL = 15 pF ...................... 7
13.1 Trademarks ........................................................... 15
7.9 Switching Characteristics, CL = 30 pF ...................... 7
13.2 Electrostatic Discharge Caution............................ 15
7.10 Operating Characteristics........................................ 7
13.3 Glossary ................................................................ 15
7.11 Typical Characteristics............................................ 8
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information
.................. 9
Information
........................................................... 15
8.1 Propagation Delays, Setup and Hold Times, and
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision G (March 2010) to Revision H
Page
• Updated document to new TI data sheet format ................................................................................................................... 1
• Deleted Ordering Information table. ....................................................................................................................................... 1
• Updated Ioff in Features. ........................................................................................................................................................ 1
• Added Applications................................................................................................................................................................. 1
• Added DPW Package. ........................................................................................................................................................... 3
• Added Handling Ratings table................................................................................................................................................ 4
• Added Thermal Information table. .......................................................................................................................................... 5
• Added Typical Characteristics. ............................................................................................................................................... 8
2
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: SN74AUP1G02


Similar Part No. - SN74AUP1G02DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G02DBVT TI-SN74AUP1G02DBVT Datasheet
337Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02DBVT TI-SN74AUP1G02DBVT Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02DBVT TI-SN74AUP1G02DBVT Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02DBVTE4 TI-SN74AUP1G02DBVTE4 Datasheet
337Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02DBVTE4 TI-SN74AUP1G02DBVTE4 Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN74AUP1G02DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G02 TI-SN74AUP1G02_08 Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02 TI-SN74AUP1G02 Datasheet
337Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com