Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG2176X3-EVAL Datasheet(PDF) 5 Page - California Eastern Labs

Part # CG2176X3-EVAL
Description  50廓 TERMINATION TYPE HIGH POWER Short Document/Title
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2176X3-EVAL Datasheet(HTML) 5 Page - California Eastern Labs

  CG2176X3-EVAL Datasheet HTML 1Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 2Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 3Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 4Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 5Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 6Page - California Eastern Labs CG2176X3-EVAL Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CG2176X3
This document is subject to change without notice.
5
REVISION HISTORY
Version
Change to current version
Page(s)
CDS-0014-09 (Issue A)
February 17, 2016
Initial datasheet
N/A
CDS-0014-09 (Issue B)
March 24, 2016
Added Eval Board ordering information
Updated Marking information
1,2
CDS-0014-10 (Issue C)
March 31, 2016
Updated Max Insertion Loss f = 4.9 to 5.85 GHz, from 0.70dB to
0.75dB
3
CDS-0014-10 (Issue D)
June 10, 2016
Removed “preliminary”
All


Similar Part No. - CG2176X3-EVAL

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2176X3-EVAL CEL-CG2176X3-EVAL Datasheet
869Kb / 8P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
CG2176X3-EVAL CEL-CG2176X3-EVAL Datasheet
953Kb / 9P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
More results

Similar Description - CG2176X3-EVAL

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2163X3 CEL-CG2163X3 Datasheet
614Kb / 7P
   Enter a Short Document/Title Name Here
CG2176X3_17 CEL-CG2176X3_17_09 Datasheet
953Kb / 9P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
CG2176X3 CEL-CG2176X3_17 Datasheet
869Kb / 8P
   50廓 TERMINATION TYPE HIGH POWER SPDT SWITCH
logo
Renesas Technology Corp
PG2176T5N RENESAS-PG2176T5N_15 Datasheet
205Kb / 11P
   50 廓 TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
logo
NEC
UPG2157T5F NEC-UPG2157T5F Datasheet
85Kb / 9P
   50 廓 TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
UPG2176T5N NEC-UPG2176T5N Datasheet
83Kb / 9P
   50 廓 TERMINATION TYPE HIGH POWER SPDT SWITCH FOR WiMAX
logo
Anaren Microwave
A50A50X4 ANAREN-A50A50X4 Datasheet
247Kb / 2P
   Chip Termination 50 Watts, 50廓
C50A50Z4 ANAREN-C50A50Z4 Datasheet
390Kb / 2P
   Surface Mount Termination 50 Watts, 50廓
C50A50Z4 ANAREN-C50A50Z4_10 Datasheet
212Kb / 3P
   Surface Mount Termination 50 Watts, 50廓
A16A50X4 ANAREN-A16A50X4 Datasheet
338Kb / 2P
   Chip Termination 16 Watts, 50廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com