Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCHG162280GR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ALVCHG162280GR
Description  16-BIT TO 32-BIT REGISTERED BUS EXCHANGER WITH BYTE MASKS AND 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCHG162280GR Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALVCHG162280GR Datasheet HTML 1Page - Texas Instruments SN74ALVCHG162280GR Datasheet HTML 2Page - Texas Instruments SN74ALVCHG162280GR Datasheet HTML 3Page - Texas Instruments SN74ALVCHG162280GR Datasheet HTML 4Page - Texas Instruments SN74ALVCHG162280GR Datasheet HTML 5Page - Texas Instruments SN74ALVCHG162280GR Datasheet HTML 6Page - Texas Instruments SN74ALVCHG162280GR Datasheet HTML 7Page - Texas Instruments SN74ALVCHG162280GR Datasheet HTML 8Page - Texas Instruments SN74ALVCHG162280GR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
SN74ALVCHG162280
16-BIT TO 32-BIT REGISTERED BUS EXCHANGER
WITH BYTE MASKS AND 3-STATE OUTPUTS
SCES093D – FEBRUARY 1997 – REVISED OCTOBER 2004
The A-port N-channel output transistors are sized at 450
µm, and the P-channel output transistors are sized at
700
µm. All A-port outputs have equivalent 50-Ω series resistors. The B-port N-channel output transistors are
sized at 225
µm, and the P-channel output transistors are sized at 560 µm. All B-port outputs have equivalent
20-
Ω series resistors.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
The switching characteristics are based on 25-pF (A port) and 80-pF (B and D ports) loads, but are tested with
the standard 50-pF load.
The SN74ALVCHG162280 is characterized for operation from 0
°C to 70°C.
2


Similar Part No. - SN74ALVCHG162280GR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHG162280 TI-SN74ALVCHG162280 Datasheet
117Kb / 9P
[Old version datasheet]   16-BIT TO 32-BIT REGISTERED BUS EXCHANGER WITH BYTE MASKS AND 3-STATE OUTPUTS
SN74ALVCHG162280DBB TI-SN74ALVCHG162280DBB Datasheet
117Kb / 9P
[Old version datasheet]   16-BIT TO 32-BIT REGISTERED BUS EXCHANGER WITH BYTE MASKS AND 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCHG162280GR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHG162280 TI-SN74ALVCHG162280 Datasheet
117Kb / 9P
[Old version datasheet]   16-BIT TO 32-BIT REGISTERED BUS EXCHANGER WITH BYTE MASKS AND 3-STATE OUTPUTS
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHG162282 TI-SN74ALVCHG162282 Datasheet
104Kb / 8P
[Old version datasheet]   18-BIT TO 36-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16270 HITACHI-HD74ALVCH16270 Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH162270 RENESAS-HD74ALVCH162270 Datasheet
260Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com