Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI91843DT-25-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI91843DT-25-T1
Description  150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91843DT-25-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI91843DT-25-T1 Datasheet HTML 1Page - Vishay Siliconix SI91843DT-25-T1 Datasheet HTML 2Page - Vishay Siliconix SI91843DT-25-T1 Datasheet HTML 3Page - Vishay Siliconix SI91843DT-25-T1 Datasheet HTML 4Page - Vishay Siliconix SI91843DT-25-T1 Datasheet HTML 5Page - Vishay Siliconix SI91843DT-25-T1 Datasheet HTML 6Page - Vishay Siliconix SI91843DT-25-T1 Datasheet HTML 7Page - Vishay Siliconix SI91843DT-25-T1 Datasheet HTML 8Page - Vishay Siliconix SI91843DT-25-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Si91841/3
Vishay Siliconix
www.vishay.com
2
Document Number: 71447
S-40592—Rev. C, 29-Mar-04
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings
Input Voltage, VIN to GND
−6.0 to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VSD (See Detailed Description)
−0.3 V to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current, IOUT
Short Circuit Protected
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Voltage, VOUT
0.3 V to VIN + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package Power Dissipation, (Pd)b
440 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Package Thermal Resistance, (qJA)a
180_C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature, TJ(max)
150_C
. . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature, TSTG
−65_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 5.5 mW/_C above TA = 70_C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
Input Voltage, VIN
2 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, VSD
0 V to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature, TA
−40_C to 85_C
. . . . . . . . . . . . . . . . . . . .
CIN = COUT = 1 mF (ceramic), CBP = 0.01 mF (ceramic)
Maximum ESR of COUT: 0.4 W
SPECIFICATIONS
Test Conditions Unless Specified
TA = 25_C, VIN = VOUT(nom) + 1 V
C
C
Limits
−40 to 85_C
Parameter
Symbol
()
IOUT = 1 mA, CIN = 1 mF, COUT = 1.0 mF
VSD = 1.5 V
Tempa
Minb
Typc
Maxb
Unit
Start-Up BP Current
IOUT
ON/OFF = High
Room
1
mA
Input Voltage Range
VIN
Full
2
6
V
Output Voltage Accuracy
VOUT
1 mA v IOUT v 150 mA
Room
−1.5
1
1.5
%
Output Voltage Accuracy
VOUT
1 mA v IOUT v 150 mA
Full
−2.5
1
2.5
%
Line Regulation (VOUT v 3 V)
Full
−0.06
0.18
Line Regulation
(3.0 V < VOUT v3.6 V)
DVOUT 100
DVIN VOUT(nom)
From VIN = VOUT(nom) + 1 V to VOUT(nom) + 2 V
Full
0
0.3
%/V
Line Regulation (5-V Version)
IN
OUT(nom)
From VIN = 5.5 V to 6 V
Full
0
0.4
IOUT = 1 mA
Room
1
Dt V lt
dg
IOUT = 50 mA
Room
45
80
Dropout Voltaged, g
(VOUT(nom) w 2.6 V)
IOUT = 50 mA
Full
50
90
(VOUT(nom) w 2.6 V)
IOUT = 150 mA
Room
130
180
VIN − VOUT
IOUT = 150 mA
Full
220
mV
IN
OUT
IOUT = 50 mA
Room
65
100
Dropout Voltaged, g
(VOUT(
) t 26 V VIN w
IOUT = 50 mA
Full
120
(VOUT(nom) t 2.6 V, VIN w
2 V)
IOUT = 150 mA
Room
190
250
2 V)
IOUT = 150 mA
Full
300
IOUT = 0 mA
Room
100
150
Ground Pin Currente, g
IOUT = 0 mA
Full
180
Ground Pin Currente, g
(VOUT(nom) v 3 V)
IOUT = 150 mA
Room
110
200
IGND
IOUT = 150 mA
Full
230
mA
IGND
IOUT = 0 mA
Room
110
170
mA
Ground Pin Currente
IOUT = 0 mA
Full
200
Ground Pin Currente
(VOUT(nom) u 3 V)
IOUT = 150 mA
Room
120
200
IOUT = 150 mA
Full
230
Peak Output current
IO(peak)
VOUT w 0.95 x VOUT(nom). tPW = 2 ms
Full
300
mA


Similar Part No. - SI91843DT-25-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91842 VISHAY-SI91842 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91842DT-12-T1 VISHAY-SI91842DT-12-T1 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91842DT-12-T1B VISHAY-SI91842DT-12-T1B Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91842DT-18-T1 VISHAY-SI91842DT-18-T1 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91842DT-20-T1 VISHAY-SI91842DT-20-T1 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
More results

Similar Description - SI91843DT-25-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91845 VISHAY-SI91845 Datasheet
126Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. B, 29-Mar-04
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com