Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCH162832 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ALVCH162832
Description  1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH162832 Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALVCH162832_10 Datasheet HTML 1Page - Texas Instruments SN74ALVCH162832_10 Datasheet HTML 2Page - Texas Instruments SN74ALVCH162832_10 Datasheet HTML 3Page - Texas Instruments SN74ALVCH162832_10 Datasheet HTML 4Page - Texas Instruments SN74ALVCH162832_10 Datasheet HTML 5Page - Texas Instruments SN74ALVCH162832_10 Datasheet HTML 6Page - Texas Instruments SN74ALVCH162832_10 Datasheet HTML 7Page - Texas Instruments SN74ALVCH162832_10 Datasheet HTML 8Page - Texas Instruments SN74ALVCH162832_10 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
16
17
15
7
CLK
D
Q
18
To Six Other Channels
5
4
2
1
OE1
OE2
CLK
A1
SEL
1Y1
2Y1
3Y1
4Y1
SN74ALVCH162832
1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER
WITH 3-STATE OUTPUTS
SCAS588I – MAY 1997 – REVISED SEPTEMBER 2004
The outputs, which are designed to sink up to 12 mA, include equivalent 26-
Ω resistors to reduce overshoot and
undershoot.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors
with the bus-hold circuitry is not recommended.
FUNCTION TABLE
INPUTS
OUTPUT
Y
OE
SEL
CLK
A
H
X
X
X
Z
L
H
X
L
L
L
H
X
H
H
L
L
L
L
L
L
H
H
XXX
LOGIC DIAGRAM (POSITIVE LOGIC)
2


Similar Part No. - SN74ALVCH162832_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162832DGG TI-SN74ALVCH162832DGG Datasheet
127Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH162832_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162832 TI-SN74ALVCH162832 Datasheet
127Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI1-SN74ALVCH162831_11 Datasheet
325Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI-SN74ALVCH162831 Datasheet
126Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162831 TI-SN74ALVC162831 Datasheet
125Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162831 HITACHI-HD74ALVCH162831 Datasheet
61Kb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH162831 RENESAS-HD74ALVCH162831 Datasheet
2Mb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16344 PERICOM-PI74ALVCH16344 Datasheet
466Kb / 7P
   1-Bit to 4-Bit Address/Driver with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162344 TI-SN74ALVCH162344 Datasheet
118Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16344 TI-SN74ALVCH16344 Datasheet
116Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com