Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM46001PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM46001PWPR
Description  LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM46001PWPR Datasheet(HTML) 2 Page - Texas Instruments

  LM46001PWPR Datasheet HTML 1Page - Texas Instruments LM46001PWPR Datasheet HTML 2Page - Texas Instruments LM46001PWPR Datasheet HTML 3Page - Texas Instruments LM46001PWPR Datasheet HTML 4Page - Texas Instruments LM46001PWPR Datasheet HTML 5Page - Texas Instruments LM46001PWPR Datasheet HTML 6Page - Texas Instruments LM46001PWPR Datasheet HTML 7Page - Texas Instruments LM46001PWPR Datasheet HTML 8Page - Texas Instruments LM46001PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
LM46001
SNVSA46A – JUNE 2014 – REVISED JULY 2014
www.ti.com
Table of Contents
7.2
Functional Block Diagram ....................................... 14
1
Features .................................................................. 1
7.3
Feature Description................................................. 15
2
Applications ........................................................... 1
7.4
Device Functional Modes........................................ 24
3
Description ............................................................. 1
8
Applications and Implementation ...................... 25
4
Revision History..................................................... 2
8.1
Application Information............................................ 25
5
Pin Configuration and Functions ......................... 3
8.2
Typical Applications ................................................ 25
6
Specifications......................................................... 4
9
Power Supply Recommendations ...................... 41
6.1
Absolute Maximum Ratings ...................................... 4
10
Layout................................................................... 41
6.2
Handling Ratings ...................................................... 4
10.1
Layout Guidelines ................................................. 41
6.3
Recommended Operating Conditions ....................... 4
10.2
Layout Example .................................................... 44
6.4
Thermal Information .................................................. 5
11
Device and Documentation Support ................. 45
6.5
Electrical Characteristics........................................... 5
11.1
Trademarks ........................................................... 45
6.6
Timing Requirements ................................................ 6
11.2
Electrostatic Discharge Caution ............................ 45
6.7
Switching Characteristics .......................................... 7
11.3
Glossary ................................................................ 45
6.8
Typical Characteristics .............................................. 8
12
Mechanical, Packaging, and Orderable
7
Detailed Description ............................................ 14
Information ........................................................... 45
7.1
Overview ................................................................. 14
4 Revision History
Changes from Original (June 2014) to Revision A
Page
Changed device from Product Preview to Production Data .................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM46001


Similar Part No. - LM46001PWPR

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
LM46001PWPEVM TAOS-LM46001PWPEVM Datasheet
767Kb / 14P
   evaluation module (EVM) helps designers evaluate the operation
More results

Similar Description - LM46001PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46001 TI-LM46001_15 Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   LM46001-Q1 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46000 TI1-LM46000 Datasheet
2Mb / 56P
[Old version datasheet]   LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46000 TI-LM46000_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43601 TI-LM43601_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601 TI1-LM43601_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com