Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM46001PWP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM46001PWP
Description  LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM46001PWP Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM46001PWP Datasheet HTML 3Page - Texas Instruments LM46001PWP Datasheet HTML 4Page - Texas Instruments LM46001PWP Datasheet HTML 5Page - Texas Instruments LM46001PWP Datasheet HTML 6Page - Texas Instruments LM46001PWP Datasheet HTML 7Page - Texas Instruments LM46001PWP Datasheet HTML 8Page - Texas Instruments LM46001PWP Datasheet HTML 9Page - Texas Instruments LM46001PWP Datasheet HTML 10Page - Texas Instruments LM46001PWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
LM46001
www.ti.com
SNVSA46A – JUNE 2014 – REVISED JULY 2014
6.7 Switching Characteristics
Limits apply over the recommended operating junction temperature (TJ) range of -40°C to +125°C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 24 V, VOUT = 3.3 V, FS = 500 kHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SW (SW PIN)
Minimum high side MOSFET ON
tON-MIN
(1)
125
165
ns
time
Minimum high side MOSFET OFF
tOFF-MIN
(1)
200
250
ns
time
OSCILLATOR (SW PINS AND SYNC PIN)
FOSC-
Oscillator default frequency
RT pin open circuit
445
500
570
kHz
DEFAULT
Minimum adjustable frequency
200
kHz
FADJ
Maximum adjustable frequency
With 1% resistors at RT pin
2200
kHz
Frequency adjust accuracy
10%
VSYNC-HIGH Sync clock high level threshold
2
V
VSYNC-LOW Sync clock low level threshold
0.4
V
DSYNC-MAX Sync clock maximum duty cycle
90%
DSYNC-MIN
Sync clock minimum duty cycle
10%
Mininum sync clock ON and OFF
TSYNC-MIN
80
ns
time
(1)
Guaranteed by design. Not production tested.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM46001


Similar Part No. - LM46001PWP

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
LM46001PWPEVM TAOS-LM46001PWPEVM Datasheet
767Kb / 14P
   evaluation module (EVM) helps designers evaluate the operation
More results

Similar Description - LM46001PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46001 TI-LM46001_15 Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   LM46001-Q1 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46000 TI1-LM46000 Datasheet
2Mb / 56P
[Old version datasheet]   LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46000 TI-LM46000_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43601 TI-LM43601_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601 TI1-LM43601_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com