Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM43603PWPT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM43603PWPT
Description  LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM43603PWPT Datasheet(HTML) 4 Page - Texas Instruments

  LM43603PWPT Datasheet HTML 1Page - Texas Instruments LM43603PWPT Datasheet HTML 2Page - Texas Instruments LM43603PWPT Datasheet HTML 3Page - Texas Instruments LM43603PWPT Datasheet HTML 4Page - Texas Instruments LM43603PWPT Datasheet HTML 5Page - Texas Instruments LM43603PWPT Datasheet HTML 6Page - Texas Instruments LM43603PWPT Datasheet HTML 7Page - Texas Instruments LM43603PWPT Datasheet HTML 8Page - Texas Instruments LM43603PWPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
LM43603
SNVSA09B – APRIL 2014 – REVISED SEPTEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VIN to PGND
-0.3
42(2)
EN to PGND
-0.3
VIN+0.3
FB, RT, SS/TRK to AGND
-0.3
3.6
Input Voltages
PGOOD to AGND
-0.3
15
V
SYNC to AGND
-0.3
5.5
BIAS to AGND
-0.3
30
AGND to PGND
-0.3
0.3
SW to PGND
-0.3
VIN+0.3
SW to PGND less than 10ns Transients
-3.5
42
Output Voltages
V
CBOOT to SW
-0.3
5.5
VCC to AGND
-0.3
3.6
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
At maximum duty cycle of 0.01%
7.2 Handling Ratings
PARAMETER
DEFINITION
MIN
MAX
UNIT
Tstg
Storage temperature range
-65
+150
°C
HBM Human body model
1.0
VESD
(1) (2)
kV
CDM Charge device model
0.5
(1)
Electrostatic discharge (ESD) to measure device sensitivity/immunity to damage caused by assembly line electrostatic discharges into
the device.
(2)
ESD testing is performed according to the respective JESD22 JEDEC standard.
7.3 Recommended Operating Conditions
(1)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VIN to PGND
3.5
36
EN
-0.3
VIN
FB
-0.3
1.1
Input Voltages
PGOOD
-0.3
12
V
BIAS input not used
-0.3
0.3
BIAS input used
3.3
28 or VIN (2)
AGND to PGND
-0.1
0.1
Output Voltage
VOUT
1.0
28
V
Output Current
IOUT
0
3
A
Temperature
Operating junction temperature range, TJ
-40
+125
°C
(1)
Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits.
For guaranteed specifications, see Electrical Characteristics.
(2)
Whichever is lower.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM43603


Similar Part No. - LM43603PWPT

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
LM43603PWPEVM TAOS-LM43603PWPEVM Datasheet
925Kb / 16P
   LM43603EVM evaluation module (EVM) helps designers evaluate the operation
More results

Similar Description - LM43603PWPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI-LM43603-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43602 TI1-LM43602 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43601 TI-LM43601_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43602 TI-LM43602_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43601 TI1-LM43601_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI-LM43602-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   LM43602-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com