Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DP8572A Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. DP8572A
Description  Real Time Clock (RTC)
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

DP8572A Datasheet(HTML) 5 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
8572AMMilitary Version
AC Electrical Characteristics
VCC e 45V and 55V VBB e 3V VPFAIL l VIH CL e 100 pF (unless otherwise specified)
Symbol
Parameter
Min
Max
Units
READ TIMING
tAR
Address Valid Prior to Read Strobe
20
ns
tRW
Read Strobe Width (Note 8)
80
ns
tCD
Chip Select to Data Valid Time
80
ns
tRD
Read Strobe to Valid Data
70
ns
tDZ
Read or Chip Select to TRI-STATE
60
ns
tRCH
Chip Select Hold after Read Strobe
0
ns
tDS
Minimum Inactive Time between Read or Write Accesses
50
ns
WRITE TIMING
tAW
Address Valid before Write Strobe
20
ns
tCW
Chip Select to End of Write Strobe
90
ns
tWW
Write Strobe Width (Note 9)
80
ns
tDW
Data Valid to End of Write Strobe
50
ns
tWCH
Chip Select Hold after Write Strobe
0
ns
Note 8
Read Strobe width as used in the read timing table is defined as the period when both chip select and read inputs are low Hence read commences when
both signals are low and terminates when either signal returns high
Note 9
Write Strobe width as used in the write timing table is defined as the period when both chip select and write inputs are low Hence write commences when
both signals are low and terminates when either signal returns high
AC Test Conditions
Input Pulse Levels
GND to 30V
Input Rise and Fall Times
6 ns (10% – 90%)
Input and Output
13V
Reference Levels
TRI-STATE Reference
Active High a05V
Levels (Note 11)
Active Low b05V
Note 10
CL e 100 pF includes jig and scope capacitance
Note 11
S1 e VCC for active low to high impedance measurements
S1 e GND for active high to high impedance measurements
S1 e open for all other timing measurements
Capacitance (TA e 25 C f e 1 MHz)
Symbol
Parameter
Typ
Units
(Note 12)
CIN
Input Capacitance
5
pF
COUT
Output Capacitance
7
pF
Note 12
This parameter is not 100% tested
Note 13
Output rise and fall times 25 ns max (10%–90%) with 100 pF load
TLF9980 – 24
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LV8572ALV8572A Low Voltage Real Time Clock RTC 1 2 3 4 5 MoreNational Semiconductor (TI)
LV8573ALV8573A Low Voltage Real Time Clock RTC 1 2 3 4 5 MoreNational Semiconductor (TI)
DS1305Serial Alarm Real Time Clock RTC 1 2 3 4 5 MoreDallas Semiconductor
DS1306Serial Alarm Real Time Clock RTC 1 2 3 4 5 MoreDallas Semiconductor
X12052-Wire RTC Real Time Clock/Calendar 1 2 3 4 5 MoreIntersil Corporation
X12882-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM 1 2 3 4 5 MoreXicor Inc.
DP8573AReal Time Clock RTC 1 2 3 4 5 MoreNational Semiconductor (TI)
DS16292-Wire Digital Thermometer and Real Time Clock 1 2 3 4 5 MoreDallas Semiconductor
DS14285Real Time Clock with NV RAM Control 1 2 3 4 5 MoreDallas Semiconductor
X1240Real Time Clock/Calendar with EEPROM 1 2 3 4 5 MoreXicor Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn