Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM43602 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM43602
Description  LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM43602 Datasheet(HTML) 5 Page - Texas Instruments

  LM43602 Datasheet HTML 1Page - Texas Instruments LM43602 Datasheet HTML 2Page - Texas Instruments LM43602 Datasheet HTML 3Page - Texas Instruments LM43602 Datasheet HTML 4Page - Texas Instruments LM43602 Datasheet HTML 5Page - Texas Instruments LM43602 Datasheet HTML 6Page - Texas Instruments LM43602 Datasheet HTML 7Page - Texas Instruments LM43602 Datasheet HTML 8Page - Texas Instruments LM43602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
LM43602
www.ti.com
SNVSA36A – APRIL 2014 – REVISED APRIL 2014
7.4 Thermal Information
HTSSOP
THERMAL METRIC (1)(2)
UNIT
(16 PINS)
RθJA
Junction-to-ambient thermal resistance
38.9(3)
RθJC(top)
Junction-to-case (top) thermal resistance
24.3
RθJB
Junction-to-board thermal resistance
19.9
°C/W
ψJT
Junction-to-top characterization parameter
0.7
ψJB
Junction-to-board characterization parameter
19.7
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.7
(1)
The package thermal impedance is calculated in accordance with JESD 51-7;
(2)
Thermal Resistances were simulated on a 4 layer, JEDEC board.
(3)
See Figure 64 for
θJA vs Copper Area Curve
7.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature (TJ) range of -40°C to +125°C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 12 V, VOUT = 3.3 V, FS = 500 kHz.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
VIN-MIN-ST
Minimum input voltage for startup
3.8
V
ISHDN
Shutdown quiescent current
VEN = 0 V
1.2
3.1
µA
IQ-NONSW
VEN = 3.3 V
Operating quiescent current (non-
VFB = 1.5 V
5.0
10
µA
switching) from VIN
VBIAS = 3.4 V external
IBIAS-NONSW
VEN = 3.3 V
Operating quiescent current (non-
VFB = 1.5 V
85
130
µA
switching) from external VBIAS
VBIAS = 3.4 V external
IQ-SW
VEN = 3.3 V
IOUT = 0 A
Operating quiescent current (switching)
RT = open
27
µA
VBIAS = VOUT = 3.3 V
RFBT = 1.0 Meg
ENABLE (EN PIN)
VEN-VCC-H
Voltage level to enable the internal LDO
VENABLE high level
1.2
V
output VCC
VEN-VCC-L
Voltage level to disable the internal LDO
VENABLE low level
0.525
V
output VCC
VEN-VOUT-H
Precision enable level for switching and
VENABLE high level
2.00
2.2
2.42
V
regulator output: VOUT
VEN-VOUT-HYS
Hysteresis voltage between VOUT
VENABLE hysteresis
-290
mV
precision enable and disable thresholds
ILKG-EN
Enable input leakage current
VEN = 3.3 V
0.85
1.75
µA
INTERNAL LDO (VCC and BIAS PINS)
VCC
Internal LDO output voltage VCC
VIN ≥ 3.8 V
3.28
V
VCC-UVLO
Under voltage lock out (UVLO)
VCC rising threshold
3.1
V
thresholds for VCC
Hysteresis voltage between rising and
-520
mV
falling thresholds
VBIAS-ON
Internal LDO input change over
VBIAS rising threshold
2.94
3.15
V
threshold to BIAS
Hysteresis voltage between rising and
-75
mV
falling thresholds
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM43602


Similar Part No. - LM43602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI-LM43602-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   LM43602-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602AQPWPRQ1 TI1-LM43602AQPWPRQ1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602AQPWPTQ1 TI1-LM43602AQPWPTQ1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602QDSURQ1 TI1-LM43602QDSURQ1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM43602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM43602 TI-LM43602_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM43602 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI-LM43602-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   LM43602-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43601 TI-LM43601_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601 TI1-LM43601_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI-LM43603-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM46001 TI-LM46001_15 Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com