Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH16270DLG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # 74ALVCH16270DLG4
Description  12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVCH16270DLG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74ALVCH16270DLG4 Datasheet HTML 2Page - Texas Instruments 74ALVCH16270DLG4 Datasheet HTML 3Page - Texas Instruments 74ALVCH16270DLG4 Datasheet HTML 4Page - Texas Instruments 74ALVCH16270DLG4 Datasheet HTML 5Page - Texas Instruments 74ALVCH16270DLG4 Datasheet HTML 6Page - Texas Instruments 74ALVCH16270DLG4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16270DLG4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16270DLG4 Datasheet HTML 9Page - Texas Instruments 74ALVCH16270DLG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
TIMING REQUIREMENTS
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
SN74ALVCH16270
12-BIT TO 24-BIT REGISTERED BUS EXCHANGER
WITH 3-STATE OUTPUTS
SCES028G – JULY 1995 – REVISED AUGUST 2004
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 3)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
(1)
150
150
150
MHz
tw
Pulse duration, CLK high or low
(1)
3.3
3.3
3.3
ns
A data before CLK
(1)
4.1
3.8
3.1
B data before CLK
(1)
0.9
1.2
0.9
tsu
Setup time
CLKENA1 or CLKENA2 before CLK
(1)
3.5
3.2
2.7
ns
CLKEN1B or CLKEN2B before CLK
(1)
3.4
3
2.6
OE data before CLK
(1)
4.4
3.9
3.2
A data after CLK
(1)
0
0
0.2
B data after CLK
(1)
1.4
1
1.7
th
Hold time
CLKENA1 or CLKENA2 after CLK
(1)
0
0.1
0.3
ns
CLKEN1B or CLKEN2B after CLK
(1)
0
0
0.6
OE after CLK
(1)
0
0
0.1
(1)
This information was not available at the time of publication.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 3)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
(1)
150
150
150
MHz
B
(1)
1.5
5.9
5.8
1.1
5.1
CLK
tpd
A
(1)
1.2
5.4
5.4
1
4.7
ns
SEL
A
(1)
1.4
6.2
6.4
1
5.5
ten
CLK
A or B
(1)
1.5
7
6.8
1
6
ns
tdis
CLK
A or B
(1)
1.9
7.2
6.5
1.1
5.8
ns
(1)
This information was not available at the time of publication.
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
Outputs enabled
(1)
87
120
Power dissipation
Cpd
CL = 50 pF,
f = 10 MHz
pF
capacitance
Outputs disabled
(1)
80.5
118
(1)
This information was not available at the time of publication.
6


Similar Part No. - 74ALVCH16270DLG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVCH16271DGGRE4 TI-74ALVCH16271DGGRE4 Datasheet
221Kb / 15P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS
74ALVCH16271DLG4 TI-74ALVCH16271DLG4 Datasheet
221Kb / 15P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS
74ALVCH16271DLRG4 TI-74ALVCH16271DLRG4 Datasheet
221Kb / 15P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS
74ALVCH162721DLG4 TI1-74ALVCH162721DLG4 Datasheet
345Kb / 14P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
74ALVCH162721DLRG4 TI1-74ALVCH162721DLRG4 Datasheet
345Kb / 14P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH16270DLG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCHR162269A HITACHI-HD74ALVCHR162269A Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16269 TI-SN74ALVCH16269 Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16269 TI-SN74ALVCH16269_07 Datasheet
441Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVC162268 TI1-SN74ALVC162268 Datasheet
199Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16270 HITACHI-HD74ALVCH16270 Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com