Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC164245DGGRE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 74ALVC164245DGGRE4
Description  16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVC164245DGGRE4 Datasheet(HTML) 5 Page - Texas Instruments

  74ALVC164245DGGRE4 Datasheet HTML 1Page - Texas Instruments 74ALVC164245DGGRE4 Datasheet HTML 2Page - Texas Instruments 74ALVC164245DGGRE4 Datasheet HTML 3Page - Texas Instruments 74ALVC164245DGGRE4 Datasheet HTML 4Page - Texas Instruments 74ALVC164245DGGRE4 Datasheet HTML 5Page - Texas Instruments 74ALVC164245DGGRE4 Datasheet HTML 6Page - Texas Instruments 74ALVC164245DGGRE4 Datasheet HTML 7Page - Texas Instruments 74ALVC164245DGGRE4 Datasheet HTML 8Page - Texas Instruments 74ALVC164245DGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
Electrical Characteristics
Electrical Characteristics
SN74ALVC164245
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS416P – MARCH 1994 – REVISED NOVEMBER 2005
over recommended operating free-air temperature range for V
CCA = 2.7 V to 3.6 V and VCCB = 4.5 V to 5.5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP(1)
MAX
UNIT
IOH = –100 µA
2.7 V to 3.6 V
VCC – 0.2
2.7 V
2.2
B to A
IOH = –12 mA
3 V
2.4
IOH = –24 mA
3 V
2
VOH
V
4.5 V
4.3
IOH = –100 µA
5.5 V
5.3
A to B
4.5 V
3.7
IOH = –24 mA
5.5 V
4.7
IOL = 100 µA
2.7 V to 3.6 V
0.2
B to A
IOL = 12 mA
2.7 V
0.4
VOL
IOL = 24 mA
3 V
0.55
V
IOL = 100 µA
4.5 V to 5.5 V
0.2
A to B
IOL = 24 mA
4.5 V to 5.5 V
0.55
II
Control inputs
VI = VCCA/VCCB or GND
3.6 V
5.5 V
±5
µA
IOZ(2) A or B port
VO = VCCA/VCCB or GND
3.6 V
5.5 V
±10
µA
ICC
VI = VCCA/VCCB or GND, IO = 0
3.6 V
5.5 V
40
µA
One input at VCCA/VCCB – 0.6 V,
∆I
CC
(3)
3 V to 3.6 V
4.5 V to 5.5 V
750
µA
Other inputs at VCCA/VCCB or GND
Ci
Control inputs
VI = VCCA/VCCB or GND
3.3 V
5 V
6.5
pF
Cio
A or B port
VO = VCCA/VCCB or GND
3.3 V
3.3 V
8.5
pF
(1)
Typical values are measured at VCCA = 3.3 V and VCCB = 5 V, TA = 25°C.
(2)
For I/O ports, the parameter IOZ includes the input leakage current.
(3)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than at 0 or the associated
VCC.
over recommended operating free-air temperature range for V
CCA = 2.3 V to 2.7 V and VCCB = 3 V to 3.6 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
MAX
UNIT
IOH = –100 µA
2.3 V to 2.7 V
3 V to 3.6 V
VCCA – 0.2
B to A
IOH = –8 mA
2.3 V
3 V to 3.6 V
1.7
VOH
IOH = –12 mA
2.7 V
3 V to 3.6 V
1.8
V
IOH = –100 µA
2.3 V to 2.7 V
3 V to 3.6 V
VCCB – 0.2
A to B
IOH = –18 mA
2.3 V to 2.7 V
3 V
2.2
IOL = 100 µA
2.3 V to 2.7 V
3 V to 3.6 V
0.2
B to A
IOL = 12 mA
2.3 V
3 V to 3.6 V
0.6
VOL
V
IOL = 100 µA
2.3 V to 2.7 V
3 V to 3.6 V
0.2
A to B
IOL = 18 mA
2.3 V
3 V
0.55
II
Control inputs
VI = VCCA/VCCB or GND
2.3 V to 2.7 V
3 V to 3.6 V
±5
µA
IOZ(1) A or B port
VO = VCCA/VCCB or GND
2.3 V to 2.7 V
3 V to 3.6 V
±10
µA
ICC
VI = VCCA/VCCB or GND, IO = 0
2.3 V to 2.7 V
3 V to 3.6 V
20
µA
One input at VCCA/VCCB – 0.6 V,
∆I
CC
(2)
2.3 V to 2.7 V
3 V to 3.6 V
750
µA
Other inputs at VCCA/VCCB or GND
(1)
For I/O ports, the parameter IOZ includes the input leakage current.
(2)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than at 0 or the associated
VCC.
5


Similar Part No. - 74ALVC164245DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVC164245DGGRE4 TI-74ALVC164245DGGRE4 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVC164245DGGRE4 TI-74ALVC164245DGGRE4 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVC164245DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
328Kb / 15P
[Old version datasheet]   16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
Texas Instruments
SN54ALVTH16244 TI-SN54ALVTH16244 Datasheet
157Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162245 TI-SN54ALVTH162245 Datasheet
232Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162244 TI-SN54ALVTH162244 Datasheet
163Kb / 13P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16240 TI1-SN54ALVTH16240_14 Datasheet
802Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com