Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC164245DGGRE4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 74ALVC164245DGGRE4
Description  16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVC164245DGGRE4 Datasheet(HTML) 2 Page - Texas Instruments

  74ALVC164245DGGRE4 Datasheet HTML 1Page - Texas Instruments 74ALVC164245DGGRE4 Datasheet HTML 2Page - Texas Instruments 74ALVC164245DGGRE4 Datasheet HTML 3Page - Texas Instruments 74ALVC164245DGGRE4 Datasheet HTML 4Page - Texas Instruments 74ALVC164245DGGRE4 Datasheet HTML 5Page - Texas Instruments 74ALVC164245DGGRE4 Datasheet HTML 6Page - Texas Instruments 74ALVC164245DGGRE4 Datasheet HTML 7Page - Texas Instruments 74ALVC164245DGGRE4 Datasheet HTML 8Page - Texas Instruments 74ALVC164245DGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
GQL OR ZQL PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3 4
6
5
K
abc
GRD OR ZRD PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3
4
6
5
SN74ALVC164245
16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS416P – MARCH 1994 – REVISED NOVEMBER 2005
The logic levels of the direction-control (DIR) input and the output-enable (OE) input activate either the B-port
outputs or the A-port outputs or place both output ports into the high-impedance mode. The device transmits data
from the A bus to the B bus when the B-port outputs are activated, and from the B bus to the A bus when the
A-port outputs are activated. The input circuitry on both A and B ports always is active and must have a logic
HIGH or LOW level applied to prevent excess ICC and ICCZ.
TERMINAL ASSIGNMENTS(1)
(56-Ball GQL/ZQL Package)
1
2
3
4
5
6
A
1DIR
NC
NC
NC
NC
1OE
B
1B2
1B1
GND
GND
1A1
1A2
C
1B4
1B3
VCCB
VCCA
1A3
1A4
D
1B6
1B5
GND
GND
1A5
1A6
E
1B8
1B7
1A7
1A8
F
2B1
2B2
2A2
2A1
G
2B3
2B4
GND
GND
2A4
2A3
H
2B5
2B6
VCCB
VCCA
2A6
2A5
J
2B7
2B8
GND
GND
2A8
2A7
K
2DIR
NC
NC
NC
NC
2OE
abc
(1)
NC – No internal connection
TERMINAL ASSIGNMENTS(1)
(54-Ball GRD/ZRD Package)
1
2
3
4
5
6
A
1B1
NC
1DIR
1OE
NC
1A1
B
1B3
1B2
NC
NC
1A2
1A3
C
1B5
1B4
VCCB
VCCA
1A4
1A5
D
1B7
1B6
GND
GND
1A6
1A7
E
2B1
1B8
GND
GND
1A8
2A1
F
2B3
2B2
GND
GND
2A2
2A3
G
2B5
2B4
VCCB
VCCA
2A4
2A5
H
2B7
2B6
NC
NC
2A6
2A7
J
2B8
NC
2DIR
2OE
NC
2A8
(1)
NC – No internal connection
xxxxx
xxxxx
xxxxx
xxxxx
FUNCTION TABLE(1)
(EACH 8-BIT SECTION)
CONTROL INPUTS
OUTPUT CIRCUITS
OPERATION
OE
DIR
A PORT
B PORT
L
L
Enabled
Hi-Z
B data to A bus
L
H
Hi-Z
Enabled
A data to B bus
H
X
Hi-Z
Hi-Z
Isolation
(1)
Input circuits of the data I/Os always are active.
2


Similar Part No. - 74ALVC164245DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVC164245DGGRE4 TI-74ALVC164245DGGRE4 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVC164245DGGRE4 TI-74ALVC164245DGGRE4 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74ALVC164245DGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
328Kb / 15P
[Old version datasheet]   16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
Texas Instruments
SN54ALVTH16244 TI-SN54ALVTH16244 Datasheet
157Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162245 TI-SN54ALVTH162245 Datasheet
232Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162244 TI-SN54ALVTH162244 Datasheet
163Kb / 13P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16240 TI1-SN54ALVTH16240_14 Datasheet
802Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com