Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCH373ZQNR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74ALVCH373ZQNR
Description  OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH373ZQNR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ALVCH373ZQNR Datasheet HTML 2Page - Texas Instruments SN74ALVCH373ZQNR Datasheet HTML 3Page - Texas Instruments SN74ALVCH373ZQNR Datasheet HTML 4Page - Texas Instruments SN74ALVCH373ZQNR Datasheet HTML 5Page - Texas Instruments SN74ALVCH373ZQNR Datasheet HTML 6Page - Texas Instruments SN74ALVCH373ZQNR Datasheet HTML 7Page - Texas Instruments SN74ALVCH373ZQNR Datasheet HTML 8Page - Texas Instruments SN74ALVCH373ZQNR Datasheet HTML 9Page - Texas Instruments SN74ALVCH373ZQNR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
VM
VM
VM
VM
VM
VM
VM
VOH
VOL
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
Open
GND
RL
RL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
0 V
VOL + V
VOH − V
0 V
VI
0 V
0 V
tw
VI
VI
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
0 V
VI
VM
tPHL
VM
VM
VI
0 V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VM
VM
tPLH
VLOAD
VLOAD/2
1.8 V
± 0.15 V
2.5 V
± 0.2 V
2.7 V
3.3 V
± 0.3 V
1 k
500
500
500
VCC
RL
2
× VCC
2
× VCC
6 V
6 V
VLOAD
CL
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
2.7 V
2.7 V
VI
VCC/2
VCC/2
1.5 V
1.5 V
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUT
SN74ALVCH373
OCTAL TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCES116H – JULY 1997 – REVISED OCTOBER 2004
Figure 1. Load Circuit and Voltage Waveforms
6


Similar Part No. - SN74ALVCH373ZQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH373ZQNR TI-SN74ALVCH373ZQNR Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH373ZQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN64BCT373 TI1-SN64BCT373 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com