Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCH16260 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74ALVCH16260
Description  12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH16260 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ALVCH16260_08 Datasheet HTML 2Page - Texas Instruments SN74ALVCH16260_08 Datasheet HTML 3Page - Texas Instruments SN74ALVCH16260_08 Datasheet HTML 4Page - Texas Instruments SN74ALVCH16260_08 Datasheet HTML 5Page - Texas Instruments SN74ALVCH16260_08 Datasheet HTML 6Page - Texas Instruments SN74ALVCH16260_08 Datasheet HTML 7Page - Texas Instruments SN74ALVCH16260_08 Datasheet HTML 8Page - Texas Instruments SN74ALVCH16260_08 Datasheet HTML 9Page - Texas Instruments SN74ALVCH16260_08 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
OPERATING CHARACTERISTICS
SN74ALVCH16260
12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCES046G – JULY 1995 – REVISED OCTOBER 2004
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 3)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
A or B
B or A
(1)
1
5.4
5.1
1.2
4.3
tpd
LE
A or B
(1)
1
5.6
5.2
1
4.4
ns
SEL
A
(1)
1
6.9
6.6
1.1
5.6
ten
OE
A or B
(1)
1
6.7
6.4
1
5.4
ns
tdis
OE
A or B
(1)
1
5.7
5
1.3
4.6
ns
(1)
This information was not available at the time of publication.
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
All outputs enabled
(1)
37
41
Power dissipation
Cpd
CL = 50 pF, f = 10 MHz
pF
capacitance
All outputs disabled
(1)
4
7
(1)
This information was not available at the time of publication.
6


Similar Part No. - SN74ALVCH16260_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH162601 TI-SN74ALVCH162601 Datasheet
149Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601DGG TI-SN74ALVCH162601DGG Datasheet
149Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601DGGR TI-SN74ALVCH162601DGGR Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601DL TI-SN74ALVCH162601DL Datasheet
149Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162601DL TI-SN74ALVCH162601DL Datasheet
361Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH16260_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16260 PERICOM-PI74ALVCH16260 Datasheet
280Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162260DLR TI1-SN74ALVCH162260DLR Datasheet
358Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH162260 TI-SN74ALVCH162260 Datasheet
150Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162260 PERICOM-PI74ALVCH162260 Datasheet
253Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN54ABT16260 TI-SN54ABT16260 Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
HD74ALVCH16260 HITACHI-HD74ALVCH16260 Datasheet
57Kb / 12P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16260 TI1-SN54ABT16260_08 Datasheet
324Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com