Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVC3641-15PCB Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74ALVC3641-15PCB
Description  SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVC3641-15PCB Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ALVC3641-15PCB Datasheet HTML 4Page - Texas Instruments SN74ALVC3641-15PCB Datasheet HTML 5Page - Texas Instruments SN74ALVC3641-15PCB Datasheet HTML 6Page - Texas Instruments SN74ALVC3641-15PCB Datasheet HTML 7Page - Texas Instruments SN74ALVC3641-15PCB Datasheet HTML 8Page - Texas Instruments SN74ALVC3641-15PCB Datasheet HTML 9Page - Texas Instruments SN74ALVC3641-15PCB Datasheet HTML 10Page - Texas Instruments SN74ALVC3641-15PCB Datasheet HTML 11Page - Texas Instruments SN74ALVC3641-15PCB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
SN74ALVC3631, SN74ALVC3641, SN74ALVC3651
512
× 36, 1024 × 36, 2048 × 36
SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SDMS025B – OCTOBER 1999 – REVISED JUNE 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Table 3. Port-B Enable Function Table
CSB
W/RB
ENB
MBB
CLKB
B0–B35 OUTPUTS
PORT FUNCTION
H
X
X
X
X
In high-impedance state
None
L
L
L
X
X
In high-impedance state
None
L
LHL
In high-impedance state
None
L
LH
H
In high-impedance state
Mail2 write
L
H
L
L
X
Active, FIFO output register
None
L
HH
L
Active, FIFO output register
FIFO read
L
H
L
H
X
Active, mail1 register
None
L
H
H
H
Active, mail1 register
Mail1 read (set MBF1 high)
The setup- and hold-time constraints to the port clocks for the port-chip selects and write/read selects are only
for enabling write and read operations and are not related to high-impedance control of the data outputs. If a
port enable is low during a clock cycle, the port-chip select and write/read select can change states during the
setup- and hold-time window of the cycle.
When OR is low, the next data word is sent to the FIFO output register automatically by the CLKB low-to-high
transition that sets OR high. When OR is high, an available data word is clocked to the FIFO output register only
when a FIFO read is selected by CSB, W/RB, ENB, and MBB.
synchronized FIFO flags
Each FIFO flag is synchronized to its port clock through at least two flip-flop stages. This is done to improve the
flag’s reliability by reducing the probability of metastable events on their outputs when CLKA and CLKB operate
asynchronously with one another. OR and AE are synchronized to CLKB. IR and AF are synchronized to CLKA.
Table 4 shows the relationship of each flag to the number of words stored in memory.
Table 4. FIFO Flag Operation
NUMBER OF WORDS
IN FIFO†‡
SYNCHRONIZED
TO CLKB
SYNCHRONIZED
TO CLKA
IN FIFO†‡
OR
AE
AF
IR
0
L
L
H
H
1 to X
H
L
H
H
(X + 1) to [D§ – (Y + 1)]
H
H
H
H
(D§ – Y) to 2047
H
H
L
H
H
H
L
L
† X is the almost-empty offset for AE. Y is the almost-full offset for AF.
‡ When a word is present in the FIFO output register, its previous memory
location is free.
§ D = 512 for the SN74ALVC3631, D = 1024 for the SN74ALVC3641, and
D = 2048 for the SN74ALVC3651


Similar Part No. - SN74ALVC3641-15PCB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC3641 TI-SN74ALVC3641 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74ALVC3641-15PCB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT72211L15RJ TI-SN74ACT72211L15RJ Datasheet
305Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74V263 TI1-SN74V263_09 Datasheet
824Kb / 52P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263-EP TI1-SN74V263-EP Datasheet
702Kb / 49P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
logo
Fairchild Semiconductor
AM3341 FAIRCHILD-AM3341 Datasheet
407Kb / 6P
   64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
logo
Texas Instruments
SN54LS224A TI1-SN54LS224A Datasheet
355Kb / 13P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com