Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4040D30ILPRE3 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040D30ILPRE3
Description  Precision Micropower Shunt Voltage Reference
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040D30ILPRE3 Datasheet(HTML) 3 Page - Texas Instruments

  LM4040D30ILPRE3 Datasheet HTML 1Page - Texas Instruments LM4040D30ILPRE3 Datasheet HTML 2Page - Texas Instruments LM4040D30ILPRE3 Datasheet HTML 3Page - Texas Instruments LM4040D30ILPRE3 Datasheet HTML 4Page - Texas Instruments LM4040D30ILPRE3 Datasheet HTML 5Page - Texas Instruments LM4040D30ILPRE3 Datasheet HTML 6Page - Texas Instruments LM4040D30ILPRE3 Datasheet HTML 7Page - Texas Instruments LM4040D30ILPRE3 Datasheet HTML 8Page - Texas Instruments LM4040D30ILPRE3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
LM4040A10, LM4040A20
www.ti.com
SLOS456M – JANUARY 2005 – REVISED JANUARY 2015
Table 1. Device Comparison Table(1)
DEVICE
ORDERABLE
TA
VKA
GRADE
PART NUMBER
2.048 V
LM4040A20I
2.5 V
LM4040A25I
A grade:
0.1% initial
3 V
LM4040A30I
accuracy
and
4.096 V
LM4040A41I
100 ppm/°C
5 V
LM4040A50I
temperature
coefficient
8.192 V
LM4040A82I
10 V
LM4040A10I
–40°C to 85°C
2.048 V
LM4040B20I
2.5 V
LM4040B25I
B grade:
0.2% initial
3 V
LM4040B30I
accuracy
and
4.096 V
LM4040B41I
100 ppm/°C
5 V
LM4040B50I
temperature
coefficient
8.192 V
LM4040B82I
10 V
LM4040B10I
2.048 V
LM4040C20I
2.5 V
LM4040C25I
C grade:
0.5% initial
3 V
LM4040C30I
accuracy
–40°C to 85°C
and
4.096 V
LM4040C41I
100 ppm/°C
5 V
LM4040C50I
temperature
coefficient
8.192 V
LM4040C82I
10 V
LM4040C10I
2.048 V
LM4040D20I
2.5 V
LM4040D25I
D grade:
1.0% initial
3 V
LM4040D30I
accuracy
–40°C to 85°C
and
4.096 V
LM4040D41I
150 ppm/°C
5 V
LM4040D50I
temperature
coefficient
8.192 V
LM4040D82I
10 V
LM4040D10I
C grade:
2.048 V
LM4040C20Q
0.5% initial
2.5 V
LM4040C25Q
accuracy
and
3 V
LM4040C30Q
100 ppm/°C
temperature
5 V
LM4040C50Q
coefficient
–40°C to 125°C
D grade:
2.048 V
LM4040D20Q
1.0% initial
2.5 V
LM4040D25Q
accuracy
and
3 V
LM4040D30Q
150 ppm/°C
temperature
5 V
LM4040D50Q
coefficient
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4040A10 LM4040A20


Similar Part No. - LM4040D30ILPRE3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040D30ILPRE3 TI-LM4040D30ILPRE3 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040D30ILPRE3 TI1-LM4040D30ILPRE3 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4040D30ILPRE3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com