Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC1G00DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC1G00DBVR
Description  SN74AHC1G00 Single 2-Input Positive-NAND Gate
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G00DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AHC1G00DBVR Datasheet HTML 2Page - Texas Instruments SN74AHC1G00DBVR Datasheet HTML 3Page - Texas Instruments SN74AHC1G00DBVR Datasheet HTML 4Page - Texas Instruments SN74AHC1G00DBVR Datasheet HTML 5Page - Texas Instruments SN74AHC1G00DBVR Datasheet HTML 6Page - Texas Instruments SN74AHC1G00DBVR Datasheet HTML 7Page - Texas Instruments SN74AHC1G00DBVR Datasheet HTML 8Page - Texas Instruments SN74AHC1G00DBVR Datasheet HTML 9Page - Texas Instruments SN74AHC1G00DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
SN74AHC1G00
SCLS313O – MARCH 1996 – REVISED APRIL 2016
www.ti.com
Product Folder Links: SN74AHC1G00
Submit Documentation Feedback
Copyright © 1996–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
ICC
VI = VCC or GND,
IO = 0
TA = 25°C
5.5 V
1
µA
TA = –40°C to +85°C
10
TA = –40°C to +125°C
10
Ci
VI = VCC or GND
TA = 25°C
5 V
2
10
pF
TA = –40°C to +85°C
10
TA = –40°C to +125°C
10
(1)
Recommended TA = –40°C to +125°C
6.6 Switching Characteristics: VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
OUTPUT
CAPACITANCE
TA
(1)
MIN
TYP
MAX
UNIT
tPLH
A or B
Y
CL = 15 pF
25°C
5.5
7.9
ns
–40°C to +85°C
1
9.5
–40°C to +125°C
1
10.5
tPHL
25°C
5.5
7.9
–40°C to +85°C
1
9.5
–40°C to +125°C
1
10.5
tPLH
A or B
Y
CL = 50 pF
25°C
8
11.4
ns
–40°C to +85°C
1
13
–40°C to +125°C
1
14
tPHL
25°C
8
11.4
–40°C to +85°C
1
13
–40°C to +125°C
1
14
(1)
Recommended TA = –40°C to +125°C
6.7 Switching Characteristics: VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
OUTPUT
CAPACITANCE
TA
(1)
MIN
TYP
MAX UNIT
tPLH
A or B
Y
CL = 15 pF
25°C
3.7
5.5
ns
–40°C to +85°C
1
6.5
–40°C to +125°C
1
7
tPHL
25°C
3.7
5.5
–40°C to +85°C
1
6.5
–40°C to +125°C
1
7
tPLH
A or B
Y
CL = 50 pF
25°C
5.2
7.5
ns
–40°C to +85°C
1
6.5
–40°C to +125°C
1
9
tPHL
25°C
5.2
7.5
–40°C to +85°C
1
6.5
–40°C to +125°C
1
9


Similar Part No. - SN74AHC1G00DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G00DBVR TI-SN74AHC1G00DBVR Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DBVR TI-SN74AHC1G00DBVR Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DBVR TI1-SN74AHC1G00DBVR Datasheet
1Mb / 29P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
SN74AHC1G00DBVRE4 TI-SN74AHC1G00DBVRE4 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DBVRE4 TI-SN74AHC1G00DBVRE4 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
More results

Similar Description - SN74AHC1G00DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1_V01 Datasheet
1Mb / 22P
[Old version datasheet]   SN74AHC1G00-Q1 Automotive Single 2-Input Positive-NAND Gate
REVISED OCTOBER 2023
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com