Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS666 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74ALS666
Description  8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS666 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ALS666_15 Datasheet HTML 2Page - Texas Instruments SN74ALS666_15 Datasheet HTML 3Page - Texas Instruments SN74ALS666_15 Datasheet HTML 4Page - Texas Instruments SN74ALS666_15 Datasheet HTML 5Page - Texas Instruments SN74ALS666_15 Datasheet HTML 6Page - Texas Instruments SN74ALS666_15 Datasheet HTML 7Page - Texas Instruments SN74ALS666_15 Datasheet HTML 8Page - Texas Instruments SN74ALS666_15 Datasheet HTML 9Page - Texas Instruments SN74ALS666_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SN74ALS666, SN74ALS667
8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES
WITH 3-STATE OUTPUTS
SDAS227A – JUNE 1984 – REVISED JANUARY 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
TA = MIN to MAX†
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN74ALS666
UNIT
MIN
MAX
tPLH
D
Q
3
14
ns
tPHL
D
Q
4
18
ns
tPLH
LE
Q
6
21
ns
tPHL
LE
Q
8
27
ns
tPHL
CLR
Q
9
29
ns
tPHL
CLR
D
11
32
ns
tPLH
PRE
Q
7
22
ns
tPHL
PRE
D
9
28
ns
t
OERB
D
4
21
ns
ten‡
OE1, OE2
Q
4
21
ns
tdi §
OERB
D
1
14
ns
tdis§
OE1, OE2
Q
1
14
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ ten = tPZH or tPZL
§ tdis = tPHZ or tPLZ
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
TA = MIN to MAX†
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN74ALS667
UNIT
MIN
MAX
tPLH
D
Q
6
20
ns
tPHL
D
Q
4
15
ns
tPLH
LE
Q
9
28
ns
tPHL
LE
Q
7
22
ns
tPHL
CLR
Q
7
24
ns
tPHL
CLR
D
8
26
ns
tPLH
PRE
Q
8
25
ns
tPHL
PRE
D
9
28
ns
t
OERB
D
4
21
ns
ten‡
OE1, OE2
Q
4
21
ns
tdi §
OERB
D
1
14
ns
tdis§
OE1, OE2
Q
1
14
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ ten = tPZH or tPZL
§ tdis = tPHZ or tPLZ


Similar Part No. - SN74ALS666_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS666DW TI-SN74ALS666DW Datasheet
125Kb / 8P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS666NT TI-SN74ALS666NT Datasheet
125Kb / 8P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS666_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS992 TI-SN74ALS992 Datasheet
95Kb / 6P
[Old version datasheet]   9-BIT D-TYPE TRANSPARENT READ-BACK LATCH WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SNJ54ABT16373A TI-SNJ54ABT16373A Datasheet
109Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC16373 TI-SN54AHC16373_07 Datasheet
371Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com