Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT595DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT595DR
Description  SNx4AHCT595 8-Bit Shift Registers With 3-State Output Registers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT595DR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AHCT595DR Datasheet HTML 1Page - Texas Instruments SN74AHCT595DR Datasheet HTML 2Page - Texas Instruments SN74AHCT595DR Datasheet HTML 3Page - Texas Instruments SN74AHCT595DR Datasheet HTML 4Page - Texas Instruments SN74AHCT595DR Datasheet HTML 5Page - Texas Instruments SN74AHCT595DR Datasheet HTML 6Page - Texas Instruments SN74AHCT595DR Datasheet HTML 7Page - Texas Instruments SN74AHCT595DR Datasheet HTML 8Page - Texas Instruments SN74AHCT595DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
SN54AHCT595, SN74AHCT595
www.ti.com
SCLS374N – MAY 1997 – REVISED JULY 2014
7.4 Thermal Information
SN74AHCT595
THERMAL METRIC(1)
D
DB
N
NS
PW
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
80.2
97.5
47.5
79.1
105.7
RθJC(top)
Junction-to-case (top) thermal resistance
39.1
47.7
34.9
35.4
40.4
RθJB
Junction-to-board thermal resistance
27.7
48.1
27.5
39.9
50.7
°C/W
ψJT
Junction-to-top characterization parameter
9.9
9.8
19.8
5.4
3.7
ψJB
Junction-to-board characterization parameter
37.4
47.6
27.4
39.5
50.1
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
n/a
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
TA = 25°C
SN54AHCT595(1)
SN74AHCT595
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
IOH = –50 mA
4.4
4.5
4.4
4.4
VOH
4.5 V
V
IOH = –8 mA
3.94
3.8
3.8
IOL = 50 µA
0.1
0.1
0.1
VOL
4.5 V
V
IOL = 8 mA
0.36
0.44
0.44
0 to 5.5
II
VI = 5.5 V or GND
±0.1
±1(2)
±1
µA
V
IOZ
VO = VCC or GND
QA – QH
5.5 V
±0.25
±2.5
±2.5
µA
ICC
VI = VCC or GND
IO = 0
5.5 V
4
40
40
µA
One input at 3.4V,
ΔICC
(3)
5.5 V
2
2.2
2.2
mA
Other inputs at VCC or GND
Ci
VI = VCC or GND
5 V
3
10
10
pF
Co
VO = VCC or GND
5 V
5.5
pF
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
(3)
This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC.
7.6 Timing Requirements
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 3)
TA = 25°C
SN54AHCT595(1)
SN74AHCT595
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
SRCLK high or low
5
5.5
5.5
tw
Pulse duration
RCLK high or low
5
5.5
5.5
ns
SRCLR low
5
5
5
SER before SRCLK
3
3
3
SRCLK
↑ before RCLK↑(2)
5
5
5
tsu
Setup time
ns
SRCLR low before RCLK
5
5
5
SRCLR high (inactive) before SRCLK
3.4
3.8
3.8
th
Hold time
SER after SRCLK
2
2
2
ns
(1)
Product Preview
(2)
This setup time allows the storage register to receive stable data from the shift register. The clocks can be tied together, in which case
the shift register is one clock pulse ahead of the storage register.
Copyright © 1997–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN54AHCT595 SN74AHCT595


Similar Part No. - SN74AHCT595DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT595DR TI-SN74AHCT595DR Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74AHCT595DRE4 TI-SN74AHCT595DRE4 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN74AHCT595DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com